Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV9432TAP Datasheet(PDF) 16 Page - STMicroelectronics

Part # STV9432TAP
Description  100MHz OSD FOR MONITOR INCLUDING BEAM CURRENTS, VIDEO TIMING ANALYZER AND PWMs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9432TAP Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STV9432TAP Datasheet HTML 12Page - STMicroelectronics STV9432TAP Datasheet HTML 13Page - STMicroelectronics STV9432TAP Datasheet HTML 14Page - STMicroelectronics STV9432TAP Datasheet HTML 15Page - STMicroelectronics STV9432TAP Datasheet HTML 16Page - STMicroelectronics STV9432TAP Datasheet HTML 17Page - STMicroelectronics STV9432TAP Datasheet HTML 18Page - STMicroelectronics STV9432TAP Datasheet HTML 19Page - STMicroelectronics STV9432TAP Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
STV9432TAP
16/25
12.1.2 - Descriptors
Spacing
Character
12.1.3 - Code Format
There are basically 3 kinds of code:
- the control codes from 0 to 15 (00H to 0FH),
- the ROM monochrome character codes from 16 to 255 (10H to FFH),
- the two bytes multicolor character codes from 08F0 to 08FF (Hex).
For code definitions see Table 1.
Table 1
Character and Command Codes
Single byte codes 00 to 0f are command codes. Single byte codes 10 to ff are monochrome character codes. Double
byte codes 08F0 to 08FF are multicolor character codes.
MSB
0
L/
-
-
---
-
C
LSB
SL7
SL6
SL5
SL4
SL3
SL2
SL1
SL0
L/
: LINE or CHARACTER spacing:
= 0, spacing descriptor defined as character height (SL[7:0] = 1 to 255 character).
= 1, spacing descriptor defined as scan line height (SL[7:0] = 1 to 255 scan lines).
SL[7:0]
: Number of selected height (character or scan lines according L/
).
MSB
1
DE
CLU3
CLU2
CLU1
CLU0
C9
C8
C
C
LSB
C7
C6
C5
C4
C3
C2
C1
C0
DE
: Display enable:
= 0, R = G = B = 0 and FBLK = FBK bit of display control register on the whole strip,
= 1, display of the characters.
CLU[3:0]
: Active color selection at the begining of the strip.
C[9:1]
: Address of the first character code of the strip.
C0
: Address 0 must be 0.
0
123456789
A
B
C
D
E
F
0
col 0
1
col 1
2
col 2
3
col 3
4
col 4
5
col 5
6
col 6
7
col 7
240 Monochrome Characters
8
multicol
9nop
A
vflip
B
hflip
C
dflip
D
call
E
rtn
F
eof



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com