Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV9432TAP Datasheet(PDF) 14 Page - STMicroelectronics

Part # STV9432TAP
Description  100MHz OSD FOR MONITOR INCLUDING BEAM CURRENTS, VIDEO TIMING ANALYZER AND PWMs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9432TAP Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STV9432TAP Datasheet HTML 10Page - STMicroelectronics STV9432TAP Datasheet HTML 11Page - STMicroelectronics STV9432TAP Datasheet HTML 12Page - STMicroelectronics STV9432TAP Datasheet HTML 13Page - STMicroelectronics STV9432TAP Datasheet HTML 14Page - STMicroelectronics STV9432TAP Datasheet HTML 15Page - STMicroelectronics STV9432TAP Datasheet HTML 16Page - STMicroelectronics STV9432TAP Datasheet HTML 17Page - STMicroelectronics STV9432TAP Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
STV9432TAP
14/25
10 - DIGITAL TO ANALOG PWM OUTPUTS
The five to A outputs PWM1 toc5 of the STV9432TAP are pulse width modulator type converter outputs.
The frequency of the output signal is fOSC: 256 and the duty cycle is: Value [7:0]: 256. After an external
low pass filter, the voltage value of the output is: Value [7:0] x VDD : 256.
Figure 8.
10.1 - PWM REGISTERS
Pulse Width Modulator 1
V1[7:0] : Digital value of the 1st PWM D to A converter (Pin 13)
Pulse Width Modulator 2
V2[7:0] : Digital value of the 2
nd PWM D to A converter (Pin 14)
Pulse Width Modulator 3
V3[7:0] : Digital value of the 3rd PWM D to A converter (Pin 15)
Pulse Width Modulator 4
V4[7:0] : Digital value of the 4th PWM D to A converter (Pin 16)
Pulse Width Modulator 5
V5[7:0] : Digital value of the 5th PWM D to A converter (Pin 17)
Note: Power-on reset default value of PWM register is
OOH.
4038
V17
V16
V15
V14
V13
V12
V11
V10
V1[7:0]
0
1
128
255
PWM1 Signal
t
OSC
256 x t
OSC
4039
V27
V26
V25
V24
V23
V22
V21
V20
403A
V37
V36
V35
V34
V33
V32
V31
V30
403B
V47
V46
V45
V44
V43
V42
V41
V40
403C
V57
V56
V55
V54
V53
V52
V51
V50
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com