Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV9432TAP Datasheet(PDF) 1 Page - STMicroelectronics

Part # STV9432TAP
Description  100MHz OSD FOR MONITOR INCLUDING BEAM CURRENTS, VIDEO TIMING ANALYZER AND PWMs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9432TAP Datasheet(HTML) 1 Page - STMicroelectronics

  STV9432TAP Datasheet HTML 1Page - STMicroelectronics STV9432TAP Datasheet HTML 2Page - STMicroelectronics STV9432TAP Datasheet HTML 3Page - STMicroelectronics STV9432TAP Datasheet HTML 4Page - STMicroelectronics STV9432TAP Datasheet HTML 5Page - STMicroelectronics STV9432TAP Datasheet HTML 6Page - STMicroelectronics STV9432TAP Datasheet HTML 7Page - STMicroelectronics STV9432TAP Datasheet HTML 8Page - STMicroelectronics STV9432TAP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
This is preliminary information on a new product in development or undergoing evaluation. Details are subject to change without notice.
Version 4.0
February 2000
1/25
STV9432TAP
100MHz OSD FOR MONITOR INCLUDING
BEAM CURRENTS, VIDEO TIMING ANALYZER AND PWMs
s
MULTIFUNCTION OSD FOR MONITOR
s
INCLUDES FACILITIES FOR CUT-OFF VOLT-
AGE MONITORING:
- THREE 8 BITS ADC INPUTS
- ADC TRIGGER DURING RETRACE TIME OF A
PROGRAMMED LINE
s
INCLUDES FACILITIES FOR SCREEN SIZE &
CENTERING AUTO SETUP
- HS, VS, VIDEO TIMING MEASUREMENTS
s
100MHz MAX. PIXEL CLOCK, AVAILABLE FOR
ANY LINE FREQUENCY BETWEEN 15 AND 140
kHz
s
12 x 18 CHARACTER ROM FONT INCLUDES:
- 240 MONOCOLOR CHARACTERS
- 16 MULTICOLOR CHARACTERS
s
CHARACTER FLASHING
s
UP TO 1K CHARACTERS TEXT DISPLAY
s
ULTRA HIGH FREQUENCY PLL FOR
s
JITTER-FREE DISPLAY
s
FLEXIBLE DISPLAY:
- ANY CHARACTER WIDTH AND HEIGHT
- ANYWHERE IN THE SCREEN
s
SINGLE
BYTE
CHARACTER
CODES
AND
COLOR LOOK-UP TABLE FOR EASY PRO-
GRAMMING AND FAST ACCESS
s
CHARACTER FLIP OPERATIONS
s
WIDE DISPLAY WINDOW ALLOWS PATTERN
GENERATION FOR FACTORY ADJUSTMENTS
s
I2C BUS MCU INTERFACE
s
FIVE 8 BITS PWM DAC OUTPUTS
DESCRIPTION
Connected to a host MCU via its serial I
2C Bus, the
STV9432TAP is a multifunction slave peripheral
device integrating the following blocks:
- On-screen Display. It includes a MASK PRO-
GRAMMABLE ROM that holds the CUSTOM
CHARACTER FONT, a 1Kbytes RAM that stores
the code strings of the different lines of text to be
displayed, and a set of registers to program char-
acter sizes and colors. A built-in digital PLL, oper-
ating at very high frequency, gives an accurrate
display without visible jitter for a wide line fre-
quency range from 15 to 140 kHz.
- Cut-off Monitoring Circuitry includes: 5 x 8 bits
PWM DACs, 3 x 8 bits ADCs and a programmable
ADC sampling trigger. It gives the possibility to
measure the three beam currents, during the hori-
zontal flyback, at a given line in the frame, pro-
vided that the three ADC inputs are connected to a
beam current sensing circuitry. The values are
stored in three BEAM CURRENT REGISTERS,
and available for MCU read.
- Video Timing Analyzer. Using the Horizontal Sync,
Vertical Sync, Horizontal Flyback, and ”Video
Active” inputs, a set of counters give the different
timing measurements necessary to analyze the
current Video timing characteristics in order to
make the automatic set-up of screen size and cen-
tering. The measurements are initialized on the
same programmable trigger line than in the above
cut-off monitoring circuitry.
.
SO28
(Plastic Micropackage)
ORDER CODE: STV9432TAP
1


Similar Part No. - STV9432TAP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV9432TA STMICROELECTRONICS-STV9432TA Datasheet
227Kb / 24P
100MHz OSD FOR MONITOR INCLUDING BEAM CURRENTS & VIDEO TIMING ANALYZER
Feb-2000
More results

Similar Description - STV9432TAP

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE7138 NTE-NTE7138 Datasheet
54Kb / 7P
Integrated Circuit Advanced Monitor Video Controller for OSD
logo
NXP Semiconductors
PCE84C886 PHILIPS-PCE84C886 Datasheet
322Kb / 56P
Microcontroller for monitor OSD and auto-sync applications
1996 Jan 08
TDA4882 PHILIPS-TDA4882 Datasheet
263Kb / 28P
Advanced monitor video controller for OSD
1997 Sep 04
TDA4884 PHILIPS-TDA4884 Datasheet
189Kb / 28P
Advanced monitor video controller for OSD
1997 Nov 26
logo
STMicroelectronics
STV9432 STMICROELECTRONICS-STV9432 Datasheet
186Kb / 18P
100MHz OSD FOR MONITOR
Feb-2000
STV9432TA STMICROELECTRONICS-STV9432TA Datasheet
227Kb / 24P
100MHz OSD FOR MONITOR INCLUDING BEAM CURRENTS & VIDEO TIMING ANALYZER
Feb-2000
logo
Samsung semiconductor
KS2508 SAMSUNG-KS2508 Datasheet
224Kb / 22P
OSD PROCESSOR FOR MONITOR
S5D2508A01 SAMSUNG-S5D2508A01 Datasheet
222Kb / 24P
OSD PROCESSOR FOR MONITOR
S5D2509 SAMSUNG-S5D2509 Datasheet
289Kb / 32P
OSD PRESSOR FOR MONITOR (PRELIMINARY)
logo
NXP Semiconductors
PCE84C882 PHILIPS-PCE84C882 Datasheet
266Kb / 60P
Microcontroller for monitor OSD and auto-sync applications
1996 Jan 08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com