Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV9432TAP Datasheet(PDF) 6 Page - STMicroelectronics

Part # STV9432TAP
Description  100MHz OSD FOR MONITOR INCLUDING BEAM CURRENTS, VIDEO TIMING ANALYZER AND PWMs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9432TAP Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STV9432TAP Datasheet HTML 2Page - STMicroelectronics STV9432TAP Datasheet HTML 3Page - STMicroelectronics STV9432TAP Datasheet HTML 4Page - STMicroelectronics STV9432TAP Datasheet HTML 5Page - STMicroelectronics STV9432TAP Datasheet HTML 6Page - STMicroelectronics STV9432TAP Datasheet HTML 7Page - STMicroelectronics STV9432TAP Datasheet HTML 8Page - STMicroelectronics STV9432TAP Datasheet HTML 9Page - STMicroelectronics STV9432TAP Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
STV9432TAP
6/25
6 - TIMINGS
Notes:
- These parameters are not tested on each unit. They are measured during our internal qualification procedure which
includes characterization on batches coming from corners of our processes and also temperature characterization.
- The ADC measurements are dependant on the noise. The test is done by correlation in order to screen out marginal
devices.
-tHTIM =3tOSC : 40.
Figure 1.
Symbol
Parameter
Min.
Typ.
Max.
Unit
OSCILLATOR
fOSC
Clock Frequency
8
MHz
fPXL
Maximum Pixel Frequency
100
MHz
R, G, B, FBLK (CLOAD = 30pF)
tR
Rise Time (see Note 1)
5ns
tF
Fall Time (see Note 1)
5ns
tSKEW
Skew between R, G, B, FBLK
5ns
I2C INTERFACE: SDA AND SCL (see Figure 1)
fSCL
SCL Clock Frequency
0
400
kHz
tBUF
Time the bus must be free between 2 access
500
ns
tHDS
Hold Time for Start Condition
500
ns
tSUP
Set up Time for Stop Condition
500
ns
tLOW
The Low Period of Clock
400
ns
tHIGH
The High Period of Clock
400
ns
tHDAT
Hold Time Data
0ns
tSUDAT
Set up Time Data
500
ns
tF
Fall Time of SDA
20
ns
tR
Rise Time of both SCL and SDA
Depend on the pull-up resistor and the
load capacitance
ANALYZER (HS, HFLY, AV)
tHLOW
Low Pulse Width (see Note 3)
2
4091
tHTIM
tHHIGH
High Pulse Width
2
4091
tHTIM
Hs
Hs Frequency
Hfly
ANALYZER (VS)
tVLOW
Low Pulse Width
2
4091
Lines
tVHIGH
High Pulse Width
2
4091
Lines
SDA
SCL
STOP START
DATA
t
BUF
t
HDAT
tHDS
tSUP
tHIGH
tLOW
STOP
tSUDAT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com