Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV9432TAP Datasheet(PDF) 15 Page - STMicroelectronics

Part # STV9432TAP
Description  100MHz OSD FOR MONITOR INCLUDING BEAM CURRENTS, VIDEO TIMING ANALYZER AND PWMs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9432TAP Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STV9432TAP Datasheet HTML 11Page - STMicroelectronics STV9432TAP Datasheet HTML 12Page - STMicroelectronics STV9432TAP Datasheet HTML 13Page - STMicroelectronics STV9432TAP Datasheet HTML 14Page - STMicroelectronics STV9432TAP Datasheet HTML 15Page - STMicroelectronics STV9432TAP Datasheet HTML 16Page - STMicroelectronics STV9432TAP Datasheet HTML 17Page - STMicroelectronics STV9432TAP Datasheet HTML 18Page - STMicroelectronics STV9432TAP Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
STV9432TAP
15/25
11 - SOFTWARE RESET REGISTER
To perform a software I2C reset of the device, set the RST bit to ONE.
This bit will be automatically reset by the device.
Software Reset will put all Write registers at their default power-on value, and reset all internal logic
blocks except the I2C bus interface itself. It will not change the RAM contents.
12 - ON-SCREEN DISPLAY
The STV9432TAP on-screen display is able to dis-
play any line of characters (character strip) any-
where in the screen.
Character strings are programmed by the MCU in
RAM via I2C bus. Character shapes are coded in
the internal ROM font. Character strips may be
adjacent or separated by vertical spaces (Spacing
strips)
Consequently, one display page is made of a list
of Character strips and Spacing strips.
A Top Margin and a Left Margin are programmable
in dedicated registers.
12.1 - RAM PROGRAMMING
12.1.1 - Two kinds of Data
Strip Descriptors and Character Codes
An OSD screen is made of a number of Character
and Spacing strips.
There are two groups of Data that make one OSD
screen:
- a Strip Descriptors list,
- Text strings - one per Character strip.
Each Strip is associated with a 2 bytes Strip
Descriptor.
There are two kinds of Strip Descriptors:
- Character Strip Descriptors: they contain the
Text string Ram address of the Character Strip,
- Spacing Strip Descriptors: they specify the ver-
tical space height.
In the example shown in Figure 9, the OSD
screen, is made of 9 strips.
In RAM, there is:
- one list of 9 Strip descriptors
(size = 9 x 2 bytes = 18 bytes),
- 6 Text strings, each of them is made of the
character codes of the line of text.
Text strings can be programmed anywhere in
RAM. The Descriptor list can be located at 16 dif-
ferent addresses in RAM, this address is defined
in the Display Control Register.
It is consequently possible to store up to 16 differ-
ent pages in RAM.
The current Displayed page is specified in the Dis-
play Control Register. It refers to a given Page
Descriptor list.
Figure 9. Display Page: list of Character and Spacing strips
403F
-
-
-
-
-
-
-
RST
TOP MARGIN
Text line number one
Text line number two
Text line number three
Text line number four
Text line number five
Text line number six
Strip 1 : Character Strip
Strip 2 : Character Strip
Strip 3 : Spacing Strip
Strip 4 : Character Strip
Strip 5 : Spacing Strip
Strip 6 : Character Strip
Strip 7 : Character Strip
Strip 8 : Character Strip
Strip 9 : Spacing Strip (Bottom Margin)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com