Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV9432TAP Datasheet(PDF) 10 Page - STMicroelectronics

Part # STV9432TAP
Description  100MHz OSD FOR MONITOR INCLUDING BEAM CURRENTS, VIDEO TIMING ANALYZER AND PWMs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9432TAP Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STV9432TAP Datasheet HTML 6Page - STMicroelectronics STV9432TAP Datasheet HTML 7Page - STMicroelectronics STV9432TAP Datasheet HTML 8Page - STMicroelectronics STV9432TAP Datasheet HTML 9Page - STMicroelectronics STV9432TAP Datasheet HTML 10Page - STMicroelectronics STV9432TAP Datasheet HTML 11Page - STMicroelectronics STV9432TAP Datasheet HTML 12Page - STMicroelectronics STV9432TAP Datasheet HTML 13Page - STMicroelectronics STV9432TAP Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
STV9432TAP
10/25
V1 Register: V sync to Active video, min. of K to A
V2 Register: Active video to V sync, min. of B to K’
V3 Register: Number of lines per frame, K to K’
’
8.3 - TIMING ANALYSIS TRIGGER
The Timing Analysis is performed according to the setting of SBN and TIMG registers:
8.3.1 - SBN Register
This 8 bits register holds the ”sampling bloc” number.
The sampling bloc is a set of 4 consecutive scan lines, the first of which is used for sampling the video timings or
Beam currents.
The reset value of this register is 0.
8.3.2 - TIMG Register
This 8 bits register holds the following parameters:
To initiate a Timing Analysis cycle:
- program the Sampling Bloc Number in the SBN Register,
- program the TIMG Register, with: ”SELECT” bit =1, ”NFR” bits specify the number of measurement frames
(H1, H2, V1, V2), ”STM” bit = 1 (Start Measurement).
As soon as the measurement cycle is finished, the ”STM” bit is automatically reset by the device.
After a Timing Analysis cycle, reading a zero in STM bit of TIMG register means that the measurement is com-
pleted and the mcu may read the results in Hi and Vi registers.
400C
V1.7
V1.6
V1.5
V1.4
V1.3
V1.2
V1.1
V1.0
400D
-
-
-
-
V1.11
V1.10
V1.9
V1.8
400E
V2.7
V2.6
V2.5
V2.4
V2.3
V2.2
V2.1
V2.0
400F
-
-
-
-
V2.11
V2.10
V2.9
V2.8
4010
V3.7
V3.6
V3.5
V3.4
V3.3
V3.2
V3.1
V3.0
4011
-
-
-
-
V3.11
V3.10
V3.9
V3.8
4015
SBN7
SBN6
SBN5
SBN4
SBN3
SBN2
SBN1
SBN0
4016
STM
NFR1
NFR0
ADCDLY3
ADCDLY2
ADCDLY1
ADCDLY0
SELECT
STM
:
Start Measurement Bit. This bit has to be forced to 1 by I2C to start the measure-
ment sequence, depending on the measurement selection bit. When measure-
ment is completed the IC will reset this bit to 0.
NFR [1:0]
:
NFR number of measurement frames, 1 to 4 frames
ADCDLY[3:0]
:
Cut-off Beam current ADC sampling delay time: 0 to 15 x tOSC,by tOSC steps
SELECT
:
Selection of Beam current measurement (0) or Timing measurement (1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com