Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV9432TAP Datasheet(PDF) 3 Page - STMicroelectronics

Part # STV9432TAP
Description  100MHz OSD FOR MONITOR INCLUDING BEAM CURRENTS, VIDEO TIMING ANALYZER AND PWMs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9432TAP Datasheet(HTML) 3 Page - STMicroelectronics

  STV9432TAP Datasheet HTML 1Page - STMicroelectronics STV9432TAP Datasheet HTML 2Page - STMicroelectronics STV9432TAP Datasheet HTML 3Page - STMicroelectronics STV9432TAP Datasheet HTML 4Page - STMicroelectronics STV9432TAP Datasheet HTML 5Page - STMicroelectronics STV9432TAP Datasheet HTML 6Page - STMicroelectronics STV9432TAP Datasheet HTML 7Page - STMicroelectronics STV9432TAP Datasheet HTML 8Page - STMicroelectronics STV9432TAP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
STV9432TAP
3/25
2 - PIN DESCRIPTION
Pin Number
Symbol
Type
Description
1
FILTER
I/O
PLL Filter
2
AGND
Power
Analog Ground
3SDA
I/O
I2C Bus Serial Data
4SCL
I
I2C Bus Serial Clock
5
HS
I
Horizontal Sync Input
6
VS
I
Vertical Sync Input
7
HFLY
I
Horizontal Flyback Input
8
AV
I
Active Video Input
9DVDD
Power
Digital +5V Power Supply
10
DVSS/OVSS
Power
Digital and RGB Output Ground
11
XTI
I
Crystal Oscillator Input
12
XTO
O
Crystal Oscillator Output
13
PWM1
O
PWM DAC Output 1
14
PWM2
O
PWM DAC Output 2
15
PWM3
O
PWM DAC Output 3
16
PWM4
O
PWM DAC Output 4
17
PWM5
O
PWM DAC Output 5
18
ROUT
O
Red Output
19
GOUT
O
Green Output
20
BOUT
O
Blue Output
21
FBLK
O
Fast Blanking Output
22
OVDD
Power
+5V Supply for the RGB Outputs
23
AVDD
Power
Analog +5V Power Supply
24
BCI
I
Blue Beam Current Input
25
GCI
I
Green Beam Current Input
26
RCI
I
Red Beam Current Input
27
ADCREF
I/O
ADC Reference Voltage Pin
28
TEST
I/O
Pin to be connected to ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com