Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV9432TAP Datasheet(PDF) 11 Page - STMicroelectronics

Part # STV9432TAP
Description  100MHz OSD FOR MONITOR INCLUDING BEAM CURRENTS, VIDEO TIMING ANALYZER AND PWMs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9432TAP Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STV9432TAP Datasheet HTML 7Page - STMicroelectronics STV9432TAP Datasheet HTML 8Page - STMicroelectronics STV9432TAP Datasheet HTML 9Page - STMicroelectronics STV9432TAP Datasheet HTML 10Page - STMicroelectronics STV9432TAP Datasheet HTML 11Page - STMicroelectronics STV9432TAP Datasheet HTML 12Page - STMicroelectronics STV9432TAP Datasheet HTML 13Page - STMicroelectronics STV9432TAP Datasheet HTML 14Page - STMicroelectronics STV9432TAP Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
STV9432TAP
11/25
Figure 6. Video Timing Measurement sequence - “Select bit = 1” (TIMG register, bit 0)
I2C SET STM BIT (TIMG register)
WAIT FOR ACKNOWLEDGE BIT
WAIT FOR RISING EDGE OF VS
ACQUISITION OF H3, H4, H5, H6
WAIT FOR 4*SBN RISING EDGES OF HS
AFTER NFR+1 FRAMES, RESET STM BIT
MEASURES V3
MEASURES H2 AT EVERY LINE
DURING NFR+1 FRAMES.
AFTER NFR+1 FRAMES,
H2 HOLDS THE MIN.VALUE
MEASURES H1 AT EVERY LINE
DURING NFR+1 FRAMES.
AFTER NFR+1 FRAMES,
H1 HOLDS THE MIN.VALUE
MEASURES V2 DURING NFR+1
AND KEEPS THE MIN. VALUE
MEASURES V1 DURING NFR+1
AND KEEPS THE MIN. VALUE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com