Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDF8553J Datasheet (PDF) - NXP Semiconductors

TDF8553J Datasheet PDF - NXP Semiconductors
Part # TDF8553J
Download  TDF8553J Download
File Size   390.97 Kbytes
Page   47 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description I2C-bus controlled 4 X 50 Watt power amplifier and multiple voltage regulator

TDF8553J Datasheet (PDF)

Go To PDF Page Download Datasheet
TDF8553J Datasheet PDF - NXP Semiconductors

Part # TDF8553J
Download  TDF8553J Click to download

File Size   390.97 Kbytes
Page   47 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description I2C-bus controlled 4 X 50 Watt power amplifier and multiple voltage regulator

TDF8553J Datasheet (HTML) - NXP Semiconductors


TDF8553J Product details

General description

1.1 Amplifiers

The TDF8553 has a complementary quad audio power amplifier that uses BCDMOS technology. It contains four amplifiers configured in Bridge Tied Load (BTL) to drive speakers for front and rear left and right channels. The I2C-bus allows diagnostic information of each amplifier and its speaker to be read separately. Both front and both rear channel amplifiers can be configured independently in line driver mode with a gain of 20 dB (differential output) or amplifier mode with a gain of 26 dB (BTL output).



1.2 Voltage regulators

The TDF8553 has a multiple output voltage regulator with two power switches.

The voltage regulator contains the following:

• Four switchable regulators and two standby regulators

• Two power switches with loss-of-ground protection and surge protection

• Second supply pin to reduce dissipation by means of an external DC-to-DC converter



Features

Amplifiers

  I2C-bus control

  Can drive a 2Ωload with a battery voltage of up to 16 V and a 4 Ωload with a

  battery voltage of up to 18 V

  DC load detection, open, short and present

  AC load (tweeter) detection

  Programmable clip detect; 1 % or 4 %

  Programmable thermal protection pre-warning

  Independent short-circuit protection per channel

  Selectable line driver (20 dB) and amplifier mode (26 dB)

  Loss-of-ground and open VPsafe

  All outputs protected from short-circuit to ground, to VPor across the load

  All pins protected from short-circuit to ground

  Soft thermal-clipping to prevent audio holes

  Low battery detection



Voltage regulators

  I2C-bus control

  Good stability for any regulator with almost any output capacitor value

  Six voltage regulators (microcontroller, display, audio processor, tuner, bus, mechanical digital and drive)

  Selectable output voltages for regulators 1, 4 and 5

  Low dropout voltage PNP output stages

  High supply voltage ripple rejection

  Low noise for all regulators

  Two power switches (antenna switch and amplifier switch)

  Standby regulators 2 and 6 (microcontroller and bus supply) operational during load dump and thermal shut-down

Low standby quiescent current (only regulators 2 and 6 operational)

Second supply pin for connecting optional external DC-to-DC converter to reduce internal dissipation

Backup functionality for regulator 2



Protection

  If connection to the battery voltage is reversed, all regulator voltages will be zero

  Able to withstand output voltages up to 18 V (supply line may be short-circuited)

  Thermal protection to avoid thermal breakdown

  Load-dump protection

  Regulator outputs protected from DC short-circuit to ground or to supply voltage

  All regulators protected by foldback current limiting

  Power switches protected from loss-of-ground and surge conditions



Applications

Boost amplifier and voltage regulator for car radios and CD/MD players




Similar Part No. - TDF8553J

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDF8530TH NXP-TDF8530TH Datasheet
1Mb / 2P
Award-winning 4-channel Class-D amplifier for seamless audio in hybrid cars
April 2013
TDF8530TH/N2,118 NXP-TDF8530TH/N2,118 Datasheet
1Mb / 2P
Award-winning 4-channel Class-D amplifier for seamless audio in hybrid cars
April 2013
TDF8541 NXP-TDF8541 Datasheet
1Mb / 54P
I 2C-bus controlled 4 x 45 W power amplifier
Rev. 3 - 13 December 2011
TDF8541J/N2 NXP-TDF8541J/N2 Datasheet
1Mb / 54P
I 2C-bus controlled 4 x 45 W power amplifier
Rev. 3 - 13 December 2011
TDF8541JS/N2 NXP-TDF8541JS/N2 Datasheet
1Mb / 54P
I 2C-bus controlled 4 x 45 W power amplifier
Rev. 3 - 13 December 2011
More results


Similar Description - TDF8553J

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8588J PHILIPS-TDA8588J Datasheet
296Kb / 54P
I2C-bus controlled 4 x 50 Watt power amplifier and multiple voltage regulator
2004 Feb 24
TDA8589J PHILIPS-TDA8589J Datasheet
545Kb / 55P
I2C-bus controlled 4 45 Watt power amplifier and multiple voltage regulator
2004 Feb 24
TDA8595 NXP-TDA8595 Datasheet
294Kb / 50P
I2C-bus controlled 4 쨈 45 W power amplifier
Rev. 02-21 November 2007
TDA8594 NXP-TDA8594 Datasheet
290Kb / 48P
I2C-bus controlled 4 X 50 W power amplifier
Rev. 02-11 December 2007
TDA8594 PHILIPS-TDA8594_15 Datasheet
469Kb / 49P
I2C-bus controlled 4 ??50 W power amplifier
Rev. 5-11 June 2013
TDA8595 PHILIPS-TDA8595_15 Datasheet
484Kb / 51P
I2C-bus controlled 4 ??45 W power amplifier
Rev. 5-11 June 2013
TDA8596 PHILIPS-TDA8596_15 Datasheet
275Kb / 48P
I2C-bus controlled 4 쨈 45 W power amplifier with symmetrical inputs
Rev. 02-8 November 2007
TDF8546_SDS PHILIPS-TDF8546_SDS_15 Datasheet
410Kb / 21P
I2C-bus controlled 4 ??45 W best efficiency amplifier
Rev. 8-27 September 2013
logo
STMicroelectronics
TDA7569BDLVPD STMICROELECTRONICS-TDA7569BDLVPD Datasheet
719Kb / 37P
4 x 50 W differential power amplifier with full I2C diagnostics, high efficiency and low voltage operation
18-Sep-2014
TDA7569LV STMICROELECTRONICS-TDA7569LV Datasheet
831Kb / 39P
4 x 50 W power amplifier with full I2C diagnostics,high efficiency and low voltage operation
25-May-2011
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com