Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDF8553J Datasheet(PDF) 7 Page - NXP Semiconductors

Part # TDF8553J
Description  I2C-bus controlled 4 X 50 Watt power amplifier and multiple voltage regulator
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8553J Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TDF8553J Datasheet HTML 3Page - NXP Semiconductors TDF8553J Datasheet HTML 4Page - NXP Semiconductors TDF8553J Datasheet HTML 5Page - NXP Semiconductors TDF8553J Datasheet HTML 6Page - NXP Semiconductors TDF8553J Datasheet HTML 7Page - NXP Semiconductors TDF8553J Datasheet HTML 8Page - NXP Semiconductors TDF8553J Datasheet HTML 9Page - NXP Semiconductors TDF8553J Datasheet HTML 10Page - NXP Semiconductors TDF8553J Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 47 page
background image
TDF8553J_1
© NXP B.V. 2008. All rights reserved.
Objective data sheet
Rev. 01 — 3 December 2008
7 of 47
NXP Semiconductors
TDF8553J
4
× 50 Watt power amplifier and multiple voltage regulator
7.2 Pin description
Table 3.
Pin description
Symbol
Pin
Description
PGND/TAB
1
power ground 2 and connection for heatsink
SDA
2
I2C-bus data input and output
OUT3
−
3
channel 3 negative output
SCL
4
I2C-bus clock input
OUT3+
5
channel 3 positive output
VP2
6
power supply voltage 2 to amplifiers
OUT1
−
7
channel 1 negative output
PGND1
8
power ground 1
OUT1+
9
channel 1 positive output
SVR
10
half supply voltage filter capacitor
IN1
11
channel 1 input
IN3
12
channel 3 input
SGND
13
signal ground
IN4
14
channel 4 input
IN2
15
channel 2 input
ACGND
16
AC ground
OUT2+
17
channel 2 positive output
PGND3
18
power ground 3
OUT2
−
19
channel 2 negative output
VP1
20
power supply voltage 1 to amplifiers
OUT4+
21
channel 4 positive output
STB
22
standby, operating or mute mode select input
OUT4
−
23
channel 4 negative output
PGND4
24
power ground 4
DIAG
25
diagnostic and clip detection output, active LOW
VDCDC
26
power supply voltage from optional DC-to-DC converter
SW2
27
antenna switch; supplies unregulated power to car aerial motor
REG6
28
regulator 6 output; supply for bus controller
SW1
29
amplifier switch; supplies unregulated power to amplifier(s)
REG1
30
regulator 1 output; supply for audio part of radio and CD player
REG3
31
regulator 3 output; supply for signal processor part (mechanical
digital) of CD player
GND
32
combined voltage regulator, power and signal ground
REG4
33
regulator 4 output; supply for mechanical part (mechanical drive)
of CD player
REG5
34
regulator 5 output; supply for display part of radio and CD player
VP
35
power supply to voltage regulators
BUCAP
36
connection for backup capacitor
REG2
37
regulator 2 output; supply voltage to microcontroller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com