Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDF8553J Datasheet(PDF) 28 Page - NXP Semiconductors

Part # TDF8553J
Description  I2C-bus controlled 4 X 50 Watt power amplifier and multiple voltage regulator
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8553J Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button TDF8553J Datasheet HTML 24Page - NXP Semiconductors TDF8553J Datasheet HTML 25Page - NXP Semiconductors TDF8553J Datasheet HTML 26Page - NXP Semiconductors TDF8553J Datasheet HTML 27Page - NXP Semiconductors TDF8553J Datasheet HTML 28Page - NXP Semiconductors TDF8553J Datasheet HTML 29Page - NXP Semiconductors TDF8553J Datasheet HTML 30Page - NXP Semiconductors TDF8553J Datasheet HTML 31Page - NXP Semiconductors TDF8553J Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 47 page
background image
TDF8553J_1
© NXP B.V. 2008. All rights reserved.
Objective data sheet
Rev. 01 — 3 December 2008
28 of 47
NXP Semiconductors
TDF8553J
4
× 50 Watt power amplifier and multiple voltage regulator
[1]
The quiescent current is measured in standby mode when RL = ∞.
[2]
The dropout voltage of regulator 3 is the voltage difference between VDCDC and VO(reg).
[3]
The dropout voltage of a regulator is the voltage difference between VP and VO(reg).
[4]
At current limit, VO(reg) is held constant; see Figure 6.
[5]
The foldback current protection limits the dissipation power at short-circuit; see Figure 6.
[6]
The dropout voltage of regulator 2 is the voltage difference between VBUCAP and VO(reg).
[7]
Unbiased switch-supply IL is measured in supply line VP.
[8]
Regulator output still in regulation at applied test voltage, therefore the actual dropout voltage can not be measured.
SVRR
supply voltage rejection ratio
fripple = 120 Hz;
Vripple = 2 V (p-p)
40
50
-
dB
Vdo
dropout voltage
VP = 4.75 V; IO = 100 mA
[3] -
0.4
0.8
V
IO
output current
VO > 4.0 V
[4] 150
350
-
mA
IOS
output short-circuit current
RL < 0.5 Ω
[5] 50
125
-
mA
Line regulation
∆V
O
output voltage variation
10 V
≤ V
P ≤ 18 V
-
3
50
mV
Load regulation
∆V
O
output voltage variation
0.5 mA
≤ I
O ≤ 100 mA
-
-
100
mV
Power switch 1 (pin SW1) antenna
Vdo
dropout voltage
IO = 300 mA
-
0.6
0.8
V
IO = 400 mA
-
0.6
1.1
V
IO
output current
VO ≥ 8.5 V
[4] 0.5
1
-
A
IOS
output short-circuit current
RL ≤ 0.5 Ω
[5] -
250
-
mA
IL
leakage current
VO = 18 V; VP = 0 V
[7] -
25
250
µA
Power switch 2 (pin SW2) amplifier
Vdo
dropout voltage
IO = 300 mA
-
0.6
0.8
V
IO = 400 mA
-
0.6
1.1
V
IO
output current
VO ≥ 8.5 V
[4] 0.5
1
-
A
IOS
output short-circuit current
RL ≤ 0.5 Ω
[5] -
250
-
mA
IL
leakage current
VO = 18 V; VP = 0 V
[7] -
25
250
µA
Backup switch
Ibu
backup current (DC)
VBUCAP ≥ 6 V
0.4
1.5
-
A
VCL
clamping voltage
VP =30V; IO(reg2) = 100 mA
-
24
28
V
Vdo
dropout voltage
IO = 500 mA; (VP − VBUCAP)
-
0.8
1.2
V
Table 16.
Characteristics …continued
Tamb =25 °C; VDCDC; VP = 14.4 V; RL =4 Ω; measured in the test circuit Figure 26; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com