Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDF8553J Datasheet(PDF) 39 Page - NXP Semiconductors

Part # TDF8553J
Description  I2C-bus controlled 4 X 50 Watt power amplifier and multiple voltage regulator
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8553J Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button TDF8553J Datasheet HTML 35Page - NXP Semiconductors TDF8553J Datasheet HTML 36Page - NXP Semiconductors TDF8553J Datasheet HTML 37Page - NXP Semiconductors TDF8553J Datasheet HTML 38Page - NXP Semiconductors TDF8553J Datasheet HTML 39Page - NXP Semiconductors TDF8553J Datasheet HTML 40Page - NXP Semiconductors TDF8553J Datasheet HTML 41Page - NXP Semiconductors TDF8553J Datasheet HTML 42Page - NXP Semiconductors TDF8553J Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 47 page
background image
TDF8553J_1
© NXP B.V. 2008. All rights reserved.
Objective data sheet
Rev. 01 — 3 December 2008
39 of 47
NXP Semiconductors
TDF8553J
4
× 50 Watt power amplifier and multiple voltage regulator
12.1 Supply decoupling
See Figure 26.
The high frequency 220 nF decoupling capacitors connected to power supply voltage
pins 6 and 20 should be located as close as possible to these pins.
It is important to use good quality capacitors. These capacitors should be able to
suppress high voltage peaks that can occur on the power supply if several audio channels
are accidentally shorted to the power supply simultaneously, due to the activation of
current protection. Good results have been achieved using 0805 case-size capacitors
(X7R material, 220 nF) located close to power supply voltage pins 6 and 20.
If a DC-to-DC converter is used to supply regulator 3, the recommendations of the
converter manufacturer relating to decoupling must be followed.
Fig 27. Printed-circuit board layout of test and application circuit showing top copper layer viewed from top
001aai763



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com