Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDF8553J Datasheet(PDF) 11 Page - NXP Semiconductors

Part # TDF8553J
Description  I2C-bus controlled 4 X 50 Watt power amplifier and multiple voltage regulator
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8553J Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button TDF8553J Datasheet HTML 7Page - NXP Semiconductors TDF8553J Datasheet HTML 8Page - NXP Semiconductors TDF8553J Datasheet HTML 9Page - NXP Semiconductors TDF8553J Datasheet HTML 10Page - NXP Semiconductors TDF8553J Datasheet HTML 11Page - NXP Semiconductors TDF8553J Datasheet HTML 12Page - NXP Semiconductors TDF8553J Datasheet HTML 13Page - NXP Semiconductors TDF8553J Datasheet HTML 14Page - NXP Semiconductors TDF8553J Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 47 page
background image
TDF8553J_1
© NXP B.V. 2008. All rights reserved.
Objective data sheet
Rev. 01 — 3 December 2008
11 of 47
NXP Semiconductors
TDF8553J
4
× 50 Watt power amplifier and multiple voltage regulator
8.5.7.3
Load detection procedure
1. At start-up, enable the AC or DC-load detection by setting D1 of instruction byte IB1 to
logic 1.
2. After 250 ms the DC load is detected and the mute is released. This is inaudible and
can be implemented each time the IC is powered on.
3. When the amplifier start-up cycle is completed (after 1.5 s), apply an AC signal to the
input, and DC-load bits D5 of each data byte should be read and stored by the
microcontroller.
4. After at least 3 periods of the input signal, the load status can be checked by reading
AC-detect bits D4 of each data byte.
The AC-load peak current counter can be reset by setting bit D1 of instruction
byte IB1 to logic 0 and then to logic 1. Note that this will also reset the DC-load
detection bits D5 in each data byte.
8.5.8 Low headroom protection
The normal DC output voltage of the amplifier is set to half the supply voltage and is
related to the voltage on pin SVR. An external capacitor is connected to pin SVR to
suppress power supply ripple. If the supply voltage drops (at vehicle engine start), the DC
output voltage will follow slowly due to the affect of the SVR capacitor.
The headroom voltage is the voltage required for correct operation of the amplifier and is
defined as the voltage difference between the level of the DC output voltage before the VP
voltage drop and the level of VP after the voltage drop (see Figure 4).
At a certain supply voltage drop, the headroom voltage will be insufficient for correct
operation of the amplifier. To prevent unwanted audible noises at the output, the
headroom protection mode will be activated (see Figure 4). This protection discharges the
capacitors connected to pins SVR and ACGND to increase the headroom voltage.
(1) IoM = < 150 mA.
(2) IoM = > 550 mA.
Fig 3.
Tolerance of AC-load detection as a function of output voltage
001aai691
10
102
ZL
(
Ω)
1
VoM (V)
010
7.5
2.5
5
(2)
(1)
no load present
load present
undefined



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com