Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDF8553J Datasheet(PDF) 1 Page - NXP Semiconductors

Part # TDF8553J
Description  I2C-bus controlled 4 X 50 Watt power amplifier and multiple voltage regulator
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8553J Datasheet(HTML) 1 Page - NXP Semiconductors

  TDF8553J Datasheet HTML 1Page - NXP Semiconductors TDF8553J Datasheet HTML 2Page - NXP Semiconductors TDF8553J Datasheet HTML 3Page - NXP Semiconductors TDF8553J Datasheet HTML 4Page - NXP Semiconductors TDF8553J Datasheet HTML 5Page - NXP Semiconductors TDF8553J Datasheet HTML 6Page - NXP Semiconductors TDF8553J Datasheet HTML 7Page - NXP Semiconductors TDF8553J Datasheet HTML 8Page - NXP Semiconductors TDF8553J Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 47 page
background image
1.
General description
1.1 Amplifiers
The TDF8553 has a complementary quad audio power amplifier that uses BCDMOS
technology. It contains four amplifiers configured in Bridge Tied Load (BTL) to drive
speakers for front and rear left and right channels. The I2C-bus allows diagnostic
information of each amplifier and its speaker to be read separately. Both front and both
rear channel amplifiers can be configured independently in line driver mode with a gain of
20 dB (differential output) or amplifier mode with a gain of 26 dB (BTL output).
1.2 Voltage regulators
The TDF8553 has a multiple output voltage regulator with two power switches.
The voltage regulator contains the following:
• Four switchable regulators and two standby regulators
• Two power switches with loss-of-ground protection and surge protection
• Second supply pin to reduce dissipation by means of an external DC-to-DC converter
2.
Features
I Amplifiers
N I2C-bus control
N Can drive a 2 Ω load with a battery voltage of up to 16 V and a 4 Ω load with a
battery voltage of up to 18 V
N DC load detection, open, short and present
N AC load (tweeter) detection
N Programmable clip detect; 1 % or 4 %
N Programmable thermal protection pre-warning
N Independent short-circuit protection per channel
N Selectable line driver (20 dB) and amplifier mode (26 dB)
N Loss-of-ground and open VP safe
N All outputs protected from short-circuit to ground, to VP or across the load
N All pins protected from short-circuit to ground
N Soft thermal-clipping to prevent audio holes
N Low battery detection
TDF8553J
I2C-bus controlled 4
× 50 Watt power amplifier and multiple
voltage regulator
Rev. 01 — 3 December 2008
Objective data sheet


Similar Part No. - TDF8553J

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDF8530TH NXP-TDF8530TH Datasheet
1Mb / 2P
Award-winning 4-channel Class-D amplifier for seamless audio in hybrid cars
April 2013
TDF8530TH/N2,118 NXP-TDF8530TH/N2,118 Datasheet
1Mb / 2P
Award-winning 4-channel Class-D amplifier for seamless audio in hybrid cars
April 2013
TDF8541 NXP-TDF8541 Datasheet
1Mb / 54P
I 2C-bus controlled 4 x 45 W power amplifier
Rev. 3 - 13 December 2011
TDF8541J/N2 NXP-TDF8541J/N2 Datasheet
1Mb / 54P
I 2C-bus controlled 4 x 45 W power amplifier
Rev. 3 - 13 December 2011
TDF8541JS/N2 NXP-TDF8541JS/N2 Datasheet
1Mb / 54P
I 2C-bus controlled 4 x 45 W power amplifier
Rev. 3 - 13 December 2011
More results

Similar Description - TDF8553J

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8588J PHILIPS-TDA8588J Datasheet
296Kb / 54P
I2C-bus controlled 4 x 50 Watt power amplifier and multiple voltage regulator
2004 Feb 24
TDA8589J PHILIPS-TDA8589J Datasheet
545Kb / 55P
I2C-bus controlled 4 45 Watt power amplifier and multiple voltage regulator
2004 Feb 24
TDA8595 NXP-TDA8595 Datasheet
294Kb / 50P
I2C-bus controlled 4 쨈 45 W power amplifier
Rev. 02-21 November 2007
TDA8594 NXP-TDA8594 Datasheet
290Kb / 48P
I2C-bus controlled 4 X 50 W power amplifier
Rev. 02-11 December 2007
TDA8594 PHILIPS-TDA8594_15 Datasheet
469Kb / 49P
I2C-bus controlled 4 ??50 W power amplifier
Rev. 5-11 June 2013
TDA8595 PHILIPS-TDA8595_15 Datasheet
484Kb / 51P
I2C-bus controlled 4 ??45 W power amplifier
Rev. 5-11 June 2013
TDA8596 PHILIPS-TDA8596_15 Datasheet
275Kb / 48P
I2C-bus controlled 4 쨈 45 W power amplifier with symmetrical inputs
Rev. 02-8 November 2007
TDF8546_SDS PHILIPS-TDF8546_SDS_15 Datasheet
410Kb / 21P
I2C-bus controlled 4 ??45 W best efficiency amplifier
Rev. 8-27 September 2013
logo
STMicroelectronics
TDA7569BDLVPD STMICROELECTRONICS-TDA7569BDLVPD Datasheet
719Kb / 37P
4 x 50 W differential power amplifier with full I2C diagnostics, high efficiency and low voltage operation
18-Sep-2014
TDA7569LV STMICROELECTRONICS-TDA7569LV Datasheet
831Kb / 39P
4 x 50 W power amplifier with full I2C diagnostics,high efficiency and low voltage operation
25-May-2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com