Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDF8553J Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDF8553J
Description  I2C-bus controlled 4 X 50 Watt power amplifier and multiple voltage regulator
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8553J Datasheet(HTML) 2 Page - NXP Semiconductors

  TDF8553J Datasheet HTML 1Page - NXP Semiconductors TDF8553J Datasheet HTML 2Page - NXP Semiconductors TDF8553J Datasheet HTML 3Page - NXP Semiconductors TDF8553J Datasheet HTML 4Page - NXP Semiconductors TDF8553J Datasheet HTML 5Page - NXP Semiconductors TDF8553J Datasheet HTML 6Page - NXP Semiconductors TDF8553J Datasheet HTML 7Page - NXP Semiconductors TDF8553J Datasheet HTML 8Page - NXP Semiconductors TDF8553J Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 47 page
background image
TDF8553J_1
© NXP B.V. 2008. All rights reserved.
Objective data sheet
Rev. 01 — 3 December 2008
2 of 47
NXP Semiconductors
TDF8553J
4
× 50 Watt power amplifier and multiple voltage regulator
I Voltage regulators
N I2C-bus control
N Good stability for any regulator with almost any output capacitor value
N Six voltage regulators (microcontroller, display, audio processor, tuner, bus,
mechanical digital and drive)
N Selectable output voltages for regulators 1, 4 and 5
N Low dropout voltage PNP output stages
N High supply voltage ripple rejection
N Low noise for all regulators
N Two power switches (antenna switch and amplifier switch)
N Standby regulators 2 and 6 (microcontroller and bus supply) operational during
load dump and thermal shut-down
N Low standby quiescent current (only regulators 2 and 6 operational)
N Second supply pin for connecting optional external DC-to-DC converter to reduce
internal dissipation
N Backup functionality for regulator 2
I Protection
N If connection to the battery voltage is reversed, all regulator voltages will be zero
N Able to withstand output voltages up to 18 V (supply line may be short-circuited)
N Thermal protection to avoid thermal breakdown
N Load-dump protection
N Regulator outputs protected from DC short-circuit to ground or to supply voltage
N All regulators protected by foldback current limiting
N Power switches protected from loss-of-ground and surge conditions
3.
Applications
I Boost amplifier and voltage regulator for car radios and CD/MD players
4.
Quick reference data
Table 1.
Quick reference data
Symbol Parameter
Conditions
Min
Typ
Max Unit
Amplifiers
VP(oper)
operating supply voltage RL = 4 Ω
8
14.4
18
V
Iq(tot)
total quiescent current
no load
-
280
400
mA
Po(max)
maximum output power
RL = 4 Ω; VP = 14.4 V; VIN = 2 V RMS square wave
44
46
-
W
RL = 4 Ω; VP = 15.2 V; VIN = 2 V RMS square wave
49
52
-
W
RL = 2 Ω; VP = 14.4 V; VIN = 2 V RMS square wave
83
87
-
W
THD
total harmonic distortion Po =1Wto12W; f=1 kHz; RL =4 Ω
-
0.01
0.1
%
Vn(o)
output noise voltage
filter 20 Hz to 22 kHz; RS = 600 Ω
line driver mode
-
25
35
µV
amplifier mode
-
50
70
µV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com