Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDF8553J Datasheet(PDF) 9 Page - NXP Semiconductors

Part # TDF8553J
Description  I2C-bus controlled 4 X 50 Watt power amplifier and multiple voltage regulator
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8553J Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button TDF8553J Datasheet HTML 5Page - NXP Semiconductors TDF8553J Datasheet HTML 6Page - NXP Semiconductors TDF8553J Datasheet HTML 7Page - NXP Semiconductors TDF8553J Datasheet HTML 8Page - NXP Semiconductors TDF8553J Datasheet HTML 9Page - NXP Semiconductors TDF8553J Datasheet HTML 10Page - NXP Semiconductors TDF8553J Datasheet HTML 11Page - NXP Semiconductors TDF8553J Datasheet HTML 12Page - NXP Semiconductors TDF8553J Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 47 page
background image
TDF8553J_1
© NXP B.V. 2008. All rights reserved.
Objective data sheet
Rev. 01 — 3 December 2008
9 of 47
NXP Semiconductors
TDF8553J
4
× 50 Watt power amplifier and multiple voltage regulator
external pull-up resistor. If a failure occurs, pin DIAG remains LOW during the failure and
no clipping information is available. The microcontroller can read the failure information
via the I2C-bus.
8.5 Amplifiers
8.5.1 Muting
A hard mute and a soft mute can both be performed via the I2C-bus. A hard mute mutes
the amplifier within 0.5 ms. A soft mute mutes the amplifier within 20 ms and is less
audible. A hard mute is also activated if a voltage of 8 V is applied to pin STB.
8.5.2 Temperature protection
If the average junction temperature rises to a temperature value that has been set via the
I2C-bus, a thermal protection pre-warning is activated making pin DIAG LOW. If the
temperature continues to rise, all four channels will be muted to reduce the output power
(soft thermal clipping). The value at which the temperature mute control activates is fixed;
only the temperature at which the thermal protection pre-warning signal occurs can be
specified by bit D4 in instruction byte IB3. If implementing the temperature mute control
does not reduce the average junction temperature, all the power stages will be switched
off (muted) at the absolute maximum temperature Tj(max).
8.5.3 Offset detection
Offset detection can only be performed when there is no input signal to the amplifiers, for
instance when the external digital signal processor is muted after a start-up. The output
voltage of each channel is measured and compared with a reference voltage. If the output
voltage of a channel is greater than the reference voltage, bit D2 of the associated data
byte is set and read by the microcontroller during a read instruction. Note that the value of
this bit is only meaningful when there is no input signal and the amplifier is not muted.
Offset detection is always enabled.
8.5.4 Speaker protection
If one side of a speaker is connected to ground, a missing current protection is
implemented to prevent damage to the speaker. A fault condition is detected in a channel
when there is a mismatch between the power current in the high side and the power
current in the low side; during a fault condition the channel will be switched off.
The load status of each channel can be read via the I2C-bus: short to ground (one side of
the speaker connected to ground), short to VP (one side of the speaker connected to VP),
and shorted load.
8.5.5 Line driver mode
An amplifier can be used as a line driver by switching it to low gain mode. In normal mode,
the gain between single-ended input and differential output (across the load) is 26 dB. In
low-gain mode the gain between single-ended input and differential output is 20 dB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com