Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDF8553J Datasheet(PDF) 10 Page - NXP Semiconductors

Part # TDF8553J
Description  I2C-bus controlled 4 X 50 Watt power amplifier and multiple voltage regulator
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8553J Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button TDF8553J Datasheet HTML 6Page - NXP Semiconductors TDF8553J Datasheet HTML 7Page - NXP Semiconductors TDF8553J Datasheet HTML 8Page - NXP Semiconductors TDF8553J Datasheet HTML 9Page - NXP Semiconductors TDF8553J Datasheet HTML 10Page - NXP Semiconductors TDF8553J Datasheet HTML 11Page - NXP Semiconductors TDF8553J Datasheet HTML 12Page - NXP Semiconductors TDF8553J Datasheet HTML 13Page - NXP Semiconductors TDF8553J Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 47 page
background image
TDF8553J_1
© NXP B.V. 2008. All rights reserved.
Objective data sheet
Rev. 01 — 3 December 2008
10 of 47
NXP Semiconductors
TDF8553J
4
× 50 Watt power amplifier and multiple voltage regulator
8.5.6 Input and AC ground capacitor values
The negative inputs to all four amplifier channels are combined at pin ACGND. To obtain
the best performance of supply voltage ripple rejection and unwanted audible noise, the
value of the capacitor connected to pin ACGND must be as close as possible to 4 times
the value of the input capacitor connected to the positive input of each channel.
8.5.7 Load detection
8.5.7.1
DC-load detection
When DC-load detection is enabled, during the start-up cycle, a DC-offset is applied
slowly to the amplifier outputs, and the output currents are measured. If the output current
of an amplifier rises above a certain level, it is assumed that there is a load of less than
6
Ω and bit D5 is reset in the associated data byte register to indicate that a load is
detected.
Because the offset is measured during the amplifier start-up cycle, detection is inaudible
and can be performed every time the amplifier is switched on.
8.5.7.2
AC-load detection
AC-load detection can be used to detect that AC-coupled speakers are connected
correctly during assembly. This requires at least 3 periods of a 19 kHz sine wave to be
applied to the amplifier inputs. The amplifier produces a peak output voltage which also
generates a peak output current through the AC-coupled speaker. The 19 kHz sine wave
is also audible during the test. If the amplifier detects three current peaks that are greater
than 550 mA, the AC-load detection bit is set. Three current peaks are counted to avoid
false AC-load detection which can occur if the input signal is switched on and off. The
peak current counter can be reset by setting bit D1 of instruction byte IB1 to logic 0.
To guarantee AC-load detection, an amplifier current of more than 550 mA is required.
AC-load detection will never occur with a current of less than 150 mA.
Figure 3 shows which AC loads are detected at different output voltages. For example, if a
load is detected at an output voltage of 2.5 V peak, the load is less than 4
Ω. If no load is
detected, the output impedance is more than 14
Ω.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com