Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDF8553J Datasheet(PDF) 21 Page - NXP Semiconductors

Part # TDF8553J
Description  I2C-bus controlled 4 X 50 Watt power amplifier and multiple voltage regulator
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8553J Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button TDF8553J Datasheet HTML 17Page - NXP Semiconductors TDF8553J Datasheet HTML 18Page - NXP Semiconductors TDF8553J Datasheet HTML 19Page - NXP Semiconductors TDF8553J Datasheet HTML 20Page - NXP Semiconductors TDF8553J Datasheet HTML 21Page - NXP Semiconductors TDF8553J Datasheet HTML 22Page - NXP Semiconductors TDF8553J Datasheet HTML 23Page - NXP Semiconductors TDF8553J Datasheet HTML 24Page - NXP Semiconductors TDF8553J Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 47 page
background image
TDF8553J_1
© NXP B.V. 2008. All rights reserved.
Objective data sheet
Rev. 01 — 3 December 2008
21 of 47
NXP Semiconductors
TDF8553J
4
× 50 Watt power amplifier and multiple voltage regulator
9.
Limiting values
Table 13.
Data byte DB4 bit description
Bit
Symbol
Description
7D7
-
6D6
-
5
D5
channel 1 DC load detection
0 = DC load detected
1 = no DC load detected
4
D4
channel 1 AC load detected
0 = no AC load detected
1 = AC load detected
3
D3
channel 1 load short-circuit
0 = normal load
1 = short-circuit load
2
D2
channel 1 output offset
0 = no output offset
1 = output offset
1
D1
channel 1 short-circuit to VP
0 = no short-circuit to VP
1 = short-circuit to VP
0
D0
channel 1 short-circuit to ground
0 = no short-circuit to ground
1 = short-circuit to ground
Table 14.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VP
supply voltage
operating
-
18
V
not operating
−1
+50
V
jump starts for t
≤ 10
minutes
-30
V
load dump protection for
t
≤ 50 ms and tr ≥ 2.5 ms
050
V
VSDA
voltage on pin SDA
operating
0
7
V
VSCL
voltage on pin SCL
operating
0
7
V
VI
input voltage
pins INn, SVR, ACGND,
DIAG, operating
013
V
VSTB
voltage on pin STB
operating
0
24
V
IOSM
non-repetitive peak output current
-
10
A
IORM
repetitive peak output current
-
6
A
VP(sc)
short-circuit supply voltage
across output pin loads
and to ground or supply
(AC and DC)
-18
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com