Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDF8553J Datasheet(PDF) 32 Page - NXP Semiconductors

Part # TDF8553J
Description  I2C-bus controlled 4 X 50 Watt power amplifier and multiple voltage regulator
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8553J Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button TDF8553J Datasheet HTML 28Page - NXP Semiconductors TDF8553J Datasheet HTML 29Page - NXP Semiconductors TDF8553J Datasheet HTML 30Page - NXP Semiconductors TDF8553J Datasheet HTML 31Page - NXP Semiconductors TDF8553J Datasheet HTML 32Page - NXP Semiconductors TDF8553J Datasheet HTML 33Page - NXP Semiconductors TDF8553J Datasheet HTML 34Page - NXP Semiconductors TDF8553J Datasheet HTML 35Page - NXP Semiconductors TDF8553J Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 47 page
background image
TDF8553J_1
© NXP B.V. 2008. All rights reserved.
Objective data sheet
Rev. 01 — 3 December 2008
32 of 47
NXP Semiconductors
TDF8553J
4
× 50 Watt power amplifier and multiple voltage regulator
(1) f = 10 kHz.
(2) f = 1 kHz.
(3) f = 100 Hz.
VP = 14.4 V.
RL = 4 Ω.
Fig 15. Total harmonic distortion as a function of output power
(1) Po = 1 W.
(2) Po = 10 W.
VP = 14.4 V.
RL = 4 Ω.
Fig 16. Total harmonic distortion as a function of frequency
mrc345
10−1
10−2
10
1
102
THD
(%)
10−3
Po (W)
10−2
102
10
10−1
1
(1)
(2)
(3)
mrc344
10−1
10−2
1
10
THD
(%)
10−3
f (kHz)
10−2
102
10
10−1
1
(1)
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com