Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDF8553J Datasheet(PDF) 3 Page - NXP Semiconductors

Part # TDF8553J
Description  I2C-bus controlled 4 X 50 Watt power amplifier and multiple voltage regulator
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8553J Datasheet(HTML) 3 Page - NXP Semiconductors

  TDF8553J Datasheet HTML 1Page - NXP Semiconductors TDF8553J Datasheet HTML 2Page - NXP Semiconductors TDF8553J Datasheet HTML 3Page - NXP Semiconductors TDF8553J Datasheet HTML 4Page - NXP Semiconductors TDF8553J Datasheet HTML 5Page - NXP Semiconductors TDF8553J Datasheet HTML 6Page - NXP Semiconductors TDF8553J Datasheet HTML 7Page - NXP Semiconductors TDF8553J Datasheet HTML 8Page - NXP Semiconductors TDF8553J Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 47 page
background image
TDF8553J_1
© NXP B.V. 2008. All rights reserved.
Objective data sheet
Rev. 01 — 3 December 2008
3 of 47
NXP Semiconductors
TDF8553J
4
× 50 Watt power amplifier and multiple voltage regulator
Voltage regulators
VP
supply voltage
regulators 1, 3, 4 and 5 on; switches 1 and 2 on
10
14.4
18
V
jump starts for t
≤ 10 minutes
-
-
30
V
load dump protection for t
≤ 50 ms and tr ≥ 2.5 ms
-
-
50
V
Vth(dis)
disable threshold
voltage
regulator 1, 3, 4 and 5 on; switches 1 and 2 on
18.1
22
-
V
VDCDC
DC-to-DC converter
voltage
4.75
5.0
VP
V
Iq(tot)
total quiescent current
standby mode; VP = 14.4 V
-
180
250
µA
VO(reg)
regulator output voltage
regulator 1; 0.5 mA
≤ I
O ≤ 400 mA; 10 V ≤ VP ≤ 18 V;
selectable via I2C-bus
IB2[D3:D2] = 01
7.9
8.3
8.7
V
IB2[D3:D2] = 10
8.1
8.6
9.1
V
IB2[D3:D2] = 11
4.75
5.0
5.25 V
regulator 2; 0.5 mA
≤ IO ≤ 350 mA; 10 V ≤ VP ≤ 18 V
3.1
3.3
3.5
V
regulator 3; 0.5 mA
≤ IO ≤ 500 mA; 5 V ≤ VDCDC ≤ 18 V
3.1
3.3
3.5
V
regulator 4; 0.5 mA
≤ IO ≤ 800 mA; 10 V ≤ VP ≤ 18 V;
selectable via I2C-bus
IB2[D7:D5] = 001
4.75
5.0
5.25 V
IB2[D7:D5] = 010
5.7
6.0
6.3
V
IB2[D7:D5] = 011
6.6
7.0
7.4
V
IB2[D7:D5] = 100
8.1
8.6
9.1
V
IB2[D7:D5] = 101
7.6
8.0
8.4
V
regulator 5; 0.5 mA
≤ IO ≤ 400 mA; selectable via
I2C-bus
10 V
≤ VP ≤ 18 V; IB1[D7:D4] = 0001
5.7
6.0
6.3
V
10 V
≤ VP ≤ 18 V; IB1[D7:D4] = 0010
6.65
7.0
7.37 V
10 V
≤ VP ≤ 18 V; IB1[D7:D4] = 0011
7.8
8.2
8.6
V
10.5 V
≤ VP ≤ 18 V; IB1[D7:D4] = 0100
8.55
9.0
9.45 V
11 V
≤ VP ≤ 18 V; IB1[D7:D4] = 0101
9.0
9.5
10.0 V
11.5 V
≤ VP ≤ 18 V; IB1[D7:D4] = 0110
9.5
10.0
10.5 V
13 V
≤ VP ≤ 18 V; IB1[D7:D4] = 0111
9.9
10.4
10.9 V
14.2 V
≤ VP ≤ 18 V; IB1[D7:D4] = 1000
11.8
12.5
13.2 V
12.5 V
≤ VP ≤ 18 V; IB1[D7:D4] = 1001
VP − 1VP − 0.5 -
V
10 V
≤ VP ≤ 18 V; IB1[D7:D4] = 1010
4.75
5.0
5.25 V
10 V
≤ VP ≤ 18 V; IB1[D7:D4] = 1011
3.1
3.3
3.5
V
regulator 6; 0.5 mA
≤ IO ≤ 100 mA; 10 V ≤ VP ≤ 18 V
4.75
5.0
5.25 V
Power switches
Vdo
dropout voltage
switch 1; IO = 400 mA
-
0.6
1.1
V
switch 2; IO = 400 mA
-
0.6
1.1
V
Table 1.
Quick reference data …continued
Symbol Parameter
Conditions
Min
Typ
Max Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com