Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDF8553J Datasheet(PDF) 5 Page - NXP Semiconductors

Part # TDF8553J
Description  I2C-bus controlled 4 X 50 Watt power amplifier and multiple voltage regulator
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8553J Datasheet(HTML) 5 Page - NXP Semiconductors

  TDF8553J Datasheet HTML 1Page - NXP Semiconductors TDF8553J Datasheet HTML 2Page - NXP Semiconductors TDF8553J Datasheet HTML 3Page - NXP Semiconductors TDF8553J Datasheet HTML 4Page - NXP Semiconductors TDF8553J Datasheet HTML 5Page - NXP Semiconductors TDF8553J Datasheet HTML 6Page - NXP Semiconductors TDF8553J Datasheet HTML 7Page - NXP Semiconductors TDF8553J Datasheet HTML 8Page - NXP Semiconductors TDF8553J Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 47 page
background image
TDF8553J_1
© NXP B.V. 2008. All rights reserved.
Objective data sheet
Rev. 01 — 3 December 2008
5 of 47
NXP Semiconductors
TDF8553J
4
× 50 Watt power amplifier and multiple voltage regulator
6.
Block diagram
Fig 1.
Block diagram
coa070
BACKUP
SWITCH
ENABLE
LOGIC
TDF8553J
STANDBY/ MUTE
I2C-BUS
INTERFACE
CLIP DETECT/ DIAGNOSTIC
REGULATOR 1
REGULATOR 3
REGULATOR 2
REGULATOR 4
REGULATOR 5
SWITCH 1
SWITCH 2
MUTE
PROTECTION/
DIAGNOSTIC
26 dB/
20 dB
PROTECTION/
DIAGNOSTIC
26 dB/
20 dB
PROTECTION/
DIAGNOSTIC
26 dB/
20 dB
PROTECTION/
DIAGNOSTIC
26 dB/
20 dB
MUTE
MUTE
MUTE
35
26
27
20
6
25
9
7
17
19
5
3
21
23
16
8
13
SGND
SVR
IN4
IN3
IN2
IN1
STB
SCL
SDA
VP
VDCDC
BUCAP
ACGND
PGND1
PGND3
PGND4
10
14
12
15
11
22
4
2
1
18
24
32
29
34
33
31
30
37
REG2
REGULATOR 6
28
REG6
REG1
REG3
REG4
REG5
SW1
SW2
VP1
DIAG
OUT1
+
OUT1
−
OUT2
+
OUT2
−
OUT3
+
OUT3
−
OUT4
+
OUT4
−
VP2
GND
36
VP
REFERENCE
VOLTAGE
TEMPERATURE &
LOAD DUMP
PROTECTION VOLTAGE
REGULATOR
TEMPERATURE & LOAD
DUMP PROTECTION
AMPLIFIER
PGND2/TAB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com