Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8170 Datasheet (PDF) - Wolfson Microelectronics plc

WM8170 Datasheet PDF - Wolfson Microelectronics plc
Part # WM8170
Download  WM8170 Download
File Size   453.84 Kbytes
Page   41 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description 3.3V Integrated Signal Processor for Area Array CCDs

WM8170 Datasheet (PDF)

Go To PDF Page Download Datasheet
WM8170 Datasheet PDF - Wolfson Microelectronics plc

Part # WM8170
Download  WM8170 Click to download

File Size   453.84 Kbytes
Page   41 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description 3.3V Integrated Signal Processor for Area Array CCDs

WM8170 Datasheet (HTML) - Wolfson Microelectronics plc


WM8170 Product details

DESCRIPTION
The WM8170 is a 10-bit analogue front end/digitiser IC, which processes and digitises the analogue output signals from area array CCD sensors at pixel sample rates of up to 21MSPS.

FEATURES
• 10-bit, 21MSPS ADC
• No missing codes guaranteed
• Correlated double sampling
• Programmable gain amplifier
• Black level clamp
• Input blanking
• Two auxiliary 8-bit DACs
• Power save mode
• Serial or parallel control bus
• Adjustable sample rate
• User selectable sampling on rising or falling edge of clocks
• Single 3.3V power supply (3V minimum)
• 48-pin TQFP package
• Standby mode ICC<10mA
• Power consumption typically 190mW at 12MHz, 270mW at 21MHz

APPLICATIONS
• Digital still cameras
• Digital camcorders
• PC cameras
• Progressive scan CCDs
• NTSC, PAL interline CCDs




Similar Part No. - WM8170

ManufacturerPart #DatasheetDescription
logo
EVER-WAY INDUSTRY COMPA...
WM810 EVER-WAY-WM810 Datasheet
115Kb / 3P
MINIATURE HIGH POWER LATCHING RELAY
logo
Wolfson Microelectronic...
WM8141 WOLFSON-WM8141 Datasheet
239Kb / 31P
12-bit 6MSPS CIS/CCD Analogue Front End/Digitiser
WM8141CFT/V WOLFSON-WM8141CFT/V Datasheet
239Kb / 31P
12-bit 6MSPS CIS/CCD Analogue Front End/Digitiser
WM8143-10 WOLFSON-WM8143-10 Datasheet
491Kb / 24P
10-bit/6MSPS CCD Signal Processor
WM8143-10CFT/V WOLFSON-WM8143-10CFT/V Datasheet
491Kb / 24P
10-bit/6MSPS CCD Signal Processor
More results


Similar Description - WM8170

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1408 NTE-NTE1408 Datasheet
24Kb / 2P
Integrated Circuit CMOS, Color Signal Processor for VCR
NTE1417 NTE-NTE1417 Datasheet
24Kb / 3P
Integrated Circuit Deflection Signal Processor
NTE1556 NTE-NTE1556 Datasheet
21Kb / 2P
Integrated Circuit VIR Signal Processor for Color TV
NTE1712 NTE-NTE1712 Datasheet
21Kb / 2P
Integrated Circuit Record Video Signal Processor for VCR
NTE1727 NTE-NTE1727 Datasheet
24Kb / 3P
Integrated Circuit TV Signal Processor
NTE1813 NTE-NTE1813 Datasheet
25Kb / 2P
Integrated Circuit Color Signal Processor for VCR
NTE701 NTE-NTE701 Datasheet
26Kb / 3P
Integrated Circuit Video Signal Processor
logo
Texas Instruments
TLC976C TI-TLC976C Datasheet
220Kb / 17P
10-BIT, 20 MSPS, AREA CCD SIGNAL PROCESSOR
logo
Hamamatsu Corporation
S8984 HAMAMATSU-S8984 Datasheet
185Kb / 7P
CCD area image sensor Front-illuminated FFT-CCDs for X-ray imaging
logo
NTE Electronics
NTE1422 NTE-NTE1422 Datasheet
87Kb / 3P
Integrated Circuit Playback Video Signal Processor for VCR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com