Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8170 Datasheet(PDF) 10 Page - Wolfson Microelectronics plc

Part # WM8170
Description  3.3V Integrated Signal Processor for Area Array CCDs
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8170 Datasheet(HTML) 10 Page - Wolfson Microelectronics plc

Back Button WM8170 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 14Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
WM8170
Product Preview Rev 1.0
WOLFSON MICROELECTRONICS LTD
PP Rev 1.0 March 2000
10
SERIAL INTERFACE
t
SCKH
t
SPER
t
SCKL
t
SCE
t
SEW
t
SEC
t
SESD
t
SCSD
t
SCSDZ
t
SSU
t
SH
SEN
SDI
SCK
SDO
Figure 5 Serial Interface Timing Diagram
Test Characteristics
CVDD = AVDD = DVDD = 3.3V, AGND = DGND = CGND = 0V, RISET=15k
Ω , TA = 0oC to +70oC, unless otherwise stated.
PARAMETER
SYMBOL
TEST
CONDITIONS
MIN
TYP
MAX
UNIT
SCK period
tSPER
83.3
ns
SCK high
tSCKH
37.5
ns
SCK low
tSCKL
37.5
ns
SDI set up time
tSSU
10
ns
SDI hold time
tSH
10
ns
SCK high to SEN high
tSCE
20
ns
SEN low to SCK high
tSEC
20
ns
SEN pulse width
tSEW
50
ns
SEN low to SDO out
tSESD
9.7
ns
SCK low to SDO out
tSCSD
6.7
ns
SCK low to SDO high
impedance
tSCSDZ
20
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com