Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8170 Datasheet(PDF) 25 Page - Wolfson Microelectronics plc

Part # WM8170
Description  3.3V Integrated Signal Processor for Area Array CCDs
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8170 Datasheet(HTML) 25 Page - Wolfson Microelectronics plc

Back Button WM8170 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 22Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 23Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 25Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 26Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 27Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 28Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 29Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 41 page
background image
WM8170
Product Preview Rev 1.0
WOLFSON MICROELECTRONICS LTD
PP Rev 1.0 March 2000
25
CONTROLLING THE BLACK LEVEL CLAMP CIRCUITRY
There are three Management Interface control bits that are associated with the INTBLCENB pulse
generator, STPANAL, STPIIR, and PGAUPD. Their function is shown in Tables 6, 7 and 8:
STPANAL
FUNCTION
0
Allows the INTBLCENB signal to be steered to the Analogue DC
correction Loop.
1
Disables the INTBLCENB signal from being steered to the Analogue
DC correction Loop. The INTBLCENB pulses that would have been
steered to the Analogue Enable are steered to the IIR Filter enable
instead.
Table 6 STPANAL control bit operation
STPIIR
FUNCTION
0
Allows the INTBLCENB signal to be steered to the IIR Filter
1
Disables the INTBLCENB signal from being steered to the IIR Filter
Table 7 STPIIR control bit operation
PGAUPD
FUNCTION
0
The INTBLCENB signal will be steered to the Analogue DC
correction loop as programmed on every frame.
1
The INTBLCENB signal will only be steered to the Analogue DC
correction loop as programmed if the PGA gain register has been
written to.
Table 8 PGAUPD control bit operation
The PGAUPD control bit enables the internal WM8170 circuitry to steer the INTBLCENB signals to
the Analogue Control Loop for one frame only following a write to the PGA Gain register. The
INTBLCENB signals will be steered to the IIR Filter on all other frames. This implies that there will
only be ANLINE lines subject to line noise, only for a single video frame, and only if the PGA gain
register has been written to. If the PGAUPD control bit has not been set, then the INTBLCENB
signals will be steered to the Analogue Control Circuitry on every frame.
SETTING THE IIR FILTER COEFFICIENT
Writing to the COEFF register controls the IIR filter response. Table 9 shows the coefficients
available on the WM8170, and the effective attenuation of the RMS noise during the optically black
pixels that will be present on the calculated error.
COEFF
REGISTER
VALUE
IIR
FILTER
COEFF
RMS Noise
Attenuation
(dB)
RMS Noise
Attenuation
(Times)
10%
1.0%
0.1%
000
5
18.0
7.9
72
334
2307
001
6
21.0
11.3
146
673
4651
010
7
24.1
16.0
293
1352
9339
011
8
27.1
22.6
588
2709
18714
100
9
30.1
32.0
1177
5423
37466
101
10
33.1
45.2
2356
10853
74969
110
11
36.1
64.0
4714
21711
149976
111
12
39.1
90.5
9430
43427
299988
Table 9: IIR Filter Coefficients
The 10%, 1.0% and 0.1% columns give the number of pixels that the IIR filter has to be enabled for
to achieve the percentage settling, i.e. if the input has a 100LSB step then the number of pixels
required for the filter to settle to 1LSB is equal to the number in the 1% column. For example, if the
filter coefficient is set to 7, and the input has a 100LSB step, it will require 1352 enabled pixels for the
filter to settle to 1LSB of the final error value. There is a trade-off between the number of pixels
required for the filter to settle, and the RMS noise attenuation achieved on the calculated error value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com