Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8170 Datasheet(PDF) 33 Page - Wolfson Microelectronics plc

Part # WM8170
Description  3.3V Integrated Signal Processor for Area Array CCDs
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8170 Datasheet(HTML) 33 Page - Wolfson Microelectronics plc

Back Button WM8170 Datasheet HTML 29Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 30Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 31Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 32Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 33Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 34Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 35Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 36Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 37Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 41 page
background image
WM8170
Product Preview Rev 1.0
WOLFSON MICROELECTRONICS LTD
PP Rev 1.0 March 2000
33
CONTROL BIT TABLE
CONTROL BITS
DESCRIPTION
SOFTWARE RESET (000001)
A write to this register will force all registers to return to their default state.
SET UP REGISTER 1 (000010)
VCLP[1:0]
Controls the VCLP voltage output.
VCLP1
VCLP0
VCLP PIN
0
0
VRB
0
1
VMID
1
0
VRT
1
1
Reserved
ACINP
Enables the AC coupling resistor between DIN and VMID.
ACINP
0
No AC coupling resistor
1
AC coupling resistor
INVSHX
Enables the invert on SHD/SHP.
INVSHX
0
No invert, SHD / SHP active low
1
Invert, SHD / SHP active high
TIMES2
Enables additional 6dB gain in PGA.
TIMES2
0
No additional 6dB gain
1
Additional 6dB gain
POSVID
Allows the WM8170 to accept positive going video.
Default input video is negative.
POSVID
0
Input video negative going (Default)
1
Input video positive going
STOPDC
Enables or disables both the analogue and digital DC correction circuitry.
STOPDC
0
DC offset correction circuitry enabled
1
DC offset correction circuitry disabled
SET UP REGISTER 2 (000011)
RETIME
Enables the retiming of the digital outputs with DCLK.
RETIME
0
No retiming
1
Output data retimed
INVDIG
Digitally inverts the D[9:0] outputs.
INVDIG
0
No invert
1
Outputs inverted
PTDO[2:0]
Selects the signal output onto the PTDO Pin.
PTDO2
PTDO1
PTDO0
PTDO PIN
0
0
0
Threshold detect output
0
0
1
Out of range signal
0
1
0
Clip1 error - digital correction error (ADC output is outside the
digital correction range).
0
1
1
BLCENB error - caused by BLCENB going high before the
internal DC offset correction circuitry has finished.
1
0
0
Active low going, analogue DC loop enable pulse
1
0
1
Active low going, IIR enable pulse
1
1
0
Active low going, Area Define Pulse
1
1
1
Reserved for Test Purposes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com