Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8170 Datasheet(PDF) 24 Page - Wolfson Microelectronics plc

Part # WM8170
Description  3.3V Integrated Signal Processor for Area Array CCDs
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8170 Datasheet(HTML) 24 Page - Wolfson Microelectronics plc

Back Button WM8170 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 22Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 23Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 25Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 26Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 27Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 28Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 41 page
background image
WM8170
Product Preview Rev 1.0
WOLFSON MICROELECTRONICS LTD
PP Rev 1.0 March 2000
24
BLCENB CONTROLLED PULSE GENERATOR
The internal master clock derived from the SHP and SHD digital inputs clocks the INTBLCENB pulse
generator. The pulse generator is controlled by the BLCENB input, and is used to generate an
internal pulse that is timed relative to the falling edge of the BLCENB input. This pulse can be
selectively used to control either the analogue control loop or the IIR filter. The Pulse Steering Circuit
is reset by a falling edge on the VD input so that the user can determine which video lines will enable
the Analogue Correction Circuitry and which will enable the IIR Filter.
Enabling the analogue DC correction circuitry is required to remove the majority of the offset from the
incoming video. The value of this offset at the input to the ADC is dependent on the gain of the PGA,
hence the analogue DC correction circuitry should be enabled either at the beginning of each frame,
or only when the PGA gain is changed.
Figure 19 shows the generation of the INTBLCENB pulse relative to the falling edge of the BLCENB
pin. There are two Management Interface registers that control the generation of the INTBLCENB
signal. CLPDEL[7:0] defines the delay in pixel periods from the falling edge of BLCENB pin to the
falling edge of the INTBLCENB signal. The delay is equal to CLPDEL+1 pixels. CLPWID[7:0] defines
the width of the INTBLCENB signal. The width of the signal is CLPWID pixels.
MCLK (Internal)
BLCENB
SHD
SHP
INTBLCENB
CLPDEL+1 PIXELS
CLPWID PIXELS
EDGE WHICH
SAMPLES BLCENB
Figure 19 Generating the INTBLCENB Pulse
STEERING THE INTBLCENB SIGNAL
Figure 20 shows how the INTBLCENB signal can be steered to either the Analogue Loop Enable, or
to the IIR Filter Enable. There are two Management Interface Registers which control how the
INTBLCENB signal is steered. ANDEL[7:0] defines the delay in INTBLCENB pulses from the falling
edge of the VD input. The INTBLCENB pulses during this period are steered to the IIR Filter. The
delay is equal to ANDEL. ANLINE[7:0] is defines the number of INTBLCENB pulses steered to the
Analogue Loop Enable. The number is equal to ANLINE. The INTBLCENB pulse is steered to the IIR
Filter whenever it is not used for the Analogue Loop Enable.
VD
BLCENB
INTBLCENB
ANALOGUE
ENABLE
IIR FILTER
ENABLE
PROGRAMMABLE DELAY IN
INTBLCENB PULSES = ANDEL
PROGRAMMABLE NUMBER OF
INTBLCENB PULSES = ANLINE
INTBLCENB GENERATED RELATIVE TO
FALLING EDGE OF BLCENB
Figure 20 Steering the INTBLCENB Signal
The steering circuitry allows the user to select which lines of the input video the analogue DC
correction loop will be enabled for, and to place these lines in a non viewed section of the frame. The
lines which have the analogue DC correction loop enabled will be subject to line noise due to the
correction value that is being applied only having been calculated over only a small number of pixels.
The effect of line noise during the analogue loop enables can be minimized if a large number of
pixels are used to calculate the digital average. This can be achieved if the analogue loop is enabled
during the optically black lines at the beginning of a video frame.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com