Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8170 Datasheet(PDF) 27 Page - Wolfson Microelectronics plc

Part # WM8170
Description  3.3V Integrated Signal Processor for Area Array CCDs
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8170 Datasheet(HTML) 27 Page - Wolfson Microelectronics plc

Back Button WM8170 Datasheet HTML 23Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 25Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 26Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 27Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 28Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 29Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 30Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 31Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 41 page
background image
WM8170
Product Preview Rev 1.0
WOLFSON MICROELECTRONICS LTD
PP Rev 1.0 March 2000
27
USING THE AREA PULSE GENERATOR
The area defining pulse can be used under control of the ACON register bits to enable various
functions as detailed in the Table 10:
ACON1
ACON0
FUNCTION
0
0
Area define signal turned off.
0
1
Area define signal used to update the internal register
which holds the error calculated by the IIR filter. In other
conditions the internal register which holds the error
calculated by the IIR filter is enabled whenever the IIR filter
is enabled.
1
0
Area Define signal used to enable the Analogue DC
Correction circuitry in addition to the analogue enable
generated from the INTBLCENB pulse generator.
1
1
Area Define signal is used to enable the IIR filter in addition
to the IIR filter enable generated from the INTBLCENB
pulse generator.
Table 10 ACON[1:0] control bits operation
VIEWING THE INTERNALLY GENERATED PULSES ON THE PTDO PIN
For system debug purposes all the internally generated pulses can be multiplexed onto the PTDO
signal pin, under control of the PTDO[2:0] register bits as described in the Table 11:
PTDO2
PTDO1
PTDO0
PTDO PIN FUNCTION
0
0
0
Programmable Threshold Detect Output
0
0
1
ADC Out of Range Signal
0
1
0
Clip 1 Error – Digital correction error (ADC
output is outside the digital correction range)
0
1
1
BLCENB Error – caused by BLCENB going
high before the internal DC offset correction
circuitry associated with the analogue DC
correction loop has finished
1
0
0
Active low going, analogue DC loop enable
pulse
1
0
1
Active low going, IIR enable pulse
1
1
0
Active low going, Area Define pulse
1
1
1
Reserved for Test Purposes
Table 11 PTDO[2:0] control bits operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com