Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8170 Datasheet(PDF) 30 Page - Wolfson Microelectronics plc

Part # WM8170
Description  3.3V Integrated Signal Processor for Area Array CCDs
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8170 Datasheet(HTML) 30 Page - Wolfson Microelectronics plc

Back Button WM8170 Datasheet HTML 26Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 27Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 28Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 29Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 30Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 31Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 32Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 33Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 34Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 41 page
background image
WM8170
Product Preview Rev 1.0
WOLFSON MICROELECTRONICS LTD
PP Rev 1.0 March 2000
30
STB
D[9:2]
DNA
RNW
ADDRESS
DATA
Z
Z
Figure25 Writing in Parallel Mode
STB
D[9:2]
DNA
RNW
Z
ADDRESS
NORMAL OUTPUT DATA
READ DATA
Z
Figure 26 Reading in Parallel Mode
POWER DOWN CONTROL
The WM8170 includes a separate power down pin, PDB. When this pin is taken low the whole device
is powered down and all internal registers maintain their currently programmed value. Setting the
PD0 bit in the Power Down 1 register can perform a similar power down operation. These two global
power downs are logically OR’d.
In addition to the above power down facilities the WM8170 contains seven other selective power
downs of individual sections of the device. Setting the appropriate bit in the Power Down 2 register,
as described in the Device Configuration section of this data sheet, will power down the particular
part of the circuit. These bits are logically ANDed so that any combination of the available device
sections can be powered down simultaneously



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com