Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8170 Datasheet(PDF) 32 Page - Wolfson Microelectronics plc

Part # WM8170
Description  3.3V Integrated Signal Processor for Area Array CCDs
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8170 Datasheet(HTML) 32 Page - Wolfson Microelectronics plc

Back Button WM8170 Datasheet HTML 28Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 29Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 30Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 31Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 32Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 33Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 34Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 35Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 36Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 41 page
background image
WM8170
Product Preview Rev 1.0
WOLFSON MICROELECTRONICS LTD
PP Rev 1.0 March 2000
32
DEVICE CONFIGURATION
REGISTER MAP
The register map is shown in Table 15. In Serial Mode the contents of address location <a5>
determines whether the address location defined by <a[4:0]> is to be read from or written to. For a
read operation <a5> is set to 1. To write to a register <a5> should be cleared to 0.
In Parallel Mode a 0 in <a5> forces a write operation. A high level on RNW, irrespective of the
contents of <a5>, however, determines a parallel read operation.
BIT
Address
<a5:a0>
Description
Default
(Hex)
RW
b7
b6
b5
b4
b3
b2
B1
b0
000000
Not Used
000001
Software Reset
W
0
0
0
0
0
0
0
0
000010
Set Up Register 1
02
RW
STOPDC
0
POSVID
TIMES2
INVSHX
ACINP
VCLP1
VCLP0
000011
Set Up Register 2
00
RW
PTDO2
PTDO1
PTDO0
INVDIG
RETIME
0
0
0
000100
Black Level Target
40
RW
TARGET7
TARGET6
TARGET5
TARGET4
TARGET3
TARGET2
TARGET1
TARGET0
000101
PGA Gain
00
RW
GAIN7
GAIN6
GAIN5
GAIN4
GAIN3
GAIN2
GAIN1
GAIN0
000110
Digital Duration
02
RW
0
0
0
0
DIGDUR3
DIGDUR2
DIGDUR1
DIGDUR0
000111
Analogue Duration
05
RW
0
ANDUR6
ANDUR5
ANDUR4
ANDUR3
ANDUR2
ANDUR1
ANDUR0
001000
Reserved
001001
Threshold Detect LSB
00
RW
THRES7
THRES6
THRES5
THRES4
THRES3
THRES2
THRES1
THRES0
001010
Threshold Detect MSB
00
RW
0
0
0
0
0
0
THRES9
THRES8
001011
Power Down 1
00
RW
0
0
0
0
0
0
0
PDA
001100
Power Down 2
00
RW
0
0
PD5
PD4
PD3
PD2
PD1
PD0
001101
Auxiliary DAC1
00
RW
AUX1
DAC7
AUX1
DAC6
AUX1
DAC5
AUX1
DAC4
AUX1
DAC3
AUX1
DAC2
AUX1
DAC1
AUX1
DAC0
001110
Auxiliary DAC2
00
RW
AUX2
DAC7
AUX2
DAC6
AUX2
DAC4
AUX2
DAC4
AUX2
DAC3
AUX2
DAC2
AUX2
DAC1
AUX2
DAC0
001111
DC Correct Control
30
RW
ACON1
ACON0
STPIIR
STPANAL
PGAUPD
ENVD
ENHD
ENINTBLC
010000
AUX DAC Control
00
RW
0
0
0
0
0
0
AUX2X1
AUX1X1
010001
Analog Enable Delay
00
RW
ANDEL7
ANDEL6
ANDEL5
ANDEL4
ANDEL3
ANDEL2
ANDEL1
ANDEL0
010010
Analog Enable Width
00
RW
ANLINE7
ANLINE6
ANLINE5
ANLINE4
ANLINE3
ANLINE2
ANLINE1
ANLINE0
010011
INTBLCENB Delay
00
RW
CLPDEL7
CLPDEL6
CLPDEL5
CLPDEL4
CLPDEL3
CLPDEL2
CLPDEL1
CLPDEL0
010100
INTBLCENB Width
00
RW
CLPWID7
CLPWID6
CLPWID5
CLPWID4
CLPWID3
CLPWID2
CLPWID1
CLPWID0
010101
Area Line Delay LSB
00
RW
LINDEL7
LINDEL6
LINDEL5
LINDEL4
LINDEL3
LINDEL2
LINDEL1
LINDEL0
010110
Area Line Delay MSB
00
RW
LINDEL11
LINDEL10
LINDEL9
LINDEL8
010111
Reference Select
00
RW
0
0
0
0
0
0
0
V375
011000
Area Line Width LSB
00
RW
LINWID7
LINWID6
LINWID5
LINWID4
LINWID3
LINWID2
LINWID1
LINWID0
011001
Area Line Width MSB
00
RW
LINWID11
LINWID10
LINWID9
LINWID8
011010
Area Pixel Delay LSB
00
RW
PIXDEL7
PIXDEL6
PIXDEL5
PIXDEL4
PIXDEL3
PIXDEL2
PIXDEL1
PIXDEL0
011011
Area Pixel Delay MSB
00
RW
PIXDEL11
PIXDEL10
PIXDEL9
PIXDEL8
011100
Area Pixel Width LSB
00
RW
PIXWID7
PIXWID6
PIXWID5
PIXWID4
PIXWID3
PIXWID2
PIXWID1
PIXWID0
011101
Area Pixel Width MSB
00
RW
PIXWID11
PIXWID10
PIXWID9
PIXWID8
011110
IIR Filter Coefficient
00
RW
COEFF2
COEFF1
COEFF0
011111
Revision Number
R
REV7
REV6
REV5
REV4
REV3
REV2
REV1
REV0
Table 15 Register Table



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com