Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8170 Datasheet(PDF) 37 Page - Wolfson Microelectronics plc

Part # WM8170
Description  3.3V Integrated Signal Processor for Area Array CCDs
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8170 Datasheet(HTML) 37 Page - Wolfson Microelectronics plc

Back Button WM8170 Datasheet HTML 33Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 34Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 35Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 36Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 37Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 38Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 39Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 40Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 41Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 37 / 41 page
background image
WM8170
Product Preview Rev 1.0
WOLFSON MICROELECTRONICS LTD
PP Rev 1.0 March 2000
37
APPLICATIONS RECOMMENDATIONS
SETTING UP THE WM8170 FOR BLACK LEVEL CORRECTION
The WM8170 requires that certain register bits are set in order to get the best performance from the
WM8170, and so that all the Black Level Clamp features within the device are enabled. To help with
this task, the following is a list of register bits that must be set, and what function the bit performs.
1.
Set Reference Select, Address 17Hex (010111Bin) to 01Hex.
V357=1:
This will set the VRT-VRB voltage to 0.75Volts, which will give the best
analogue performance from the WM8170.
2.
Set DC Correct Control, Address 0FHex (011111Bin) to 07Hex.
ACON[10]=00
Area Pulse Generator turned off.
STPIIR=0
The INTBLCENB pulse can be steered to the IIR Filter
STPANAL=0
The INTBLCENB pulse can be steered to the Analogue Loop Enable.
PGAUPD=0
Steer the INTBLCENB pulse to the Analoguee Control Loop on every
frame.
ENVD=1
Enable the Vertical Drive CCD timing signal (VD) operation. VD needs
to be connected to the PDB/VD pin (No. 30).
ENHD=1
Enable the Horizontal Drive CCD timing signal (HD) operation. HD
needs to be connected to the PBLK/HD pin (No. 26).
ENINTBLC=1
Control the Analogue Black Level Clamp from the INTBLCENB
steering circuitry rather than from the BLCENB pin.
3.
Set Analogue Enable Delay, Address 11Hex (010001Bin) to 04Hex.
ANDEL[7:0]=04
The Analogue Correction circuitry will be enabled 4 lines after the
falling edge of the VD signal.
4.
Set Analogue Enable Width, Address 12Hex (010010Bin) to 06Hex.
ANLINE[7:0]=06
The Analogue Correction Circuitry will be enabled for 6 lines.
5.
Set INTBLCENB Delay, Address 13Hex (010011Bin) to 10Hex.
CLPDEL[7:0]=10
The INTBLCENB pulse will be enabled 17 (16+1) pixels after the falling
edge of the BLCENB pin.
6.
Set INTBLCENB Width, Address 14Hex (010100Bin) to 10Hex.
LINDEL[7:0]=10
The INTBLCENB pulse will be enabled for 16 pixels.
7.
Set IIR Filter Coefficient, Address 1EHex (011110Bin) to 04Hex.
COEFF[2:0]=04
IIR Filter Coefficient set to 9, giving 30.1dB attenuation of the noise
during the optically black pixels. This is the middle Filter Coefficient.
The device is now set up to use the internal black level circuitry. The Area Circuitry is not enabled or
programmed at this time.
To enable debug of the signals, the PTDO pin has to be programmed and monitored with an
oscilloscope. The oscilloscope should display VD, HD, BLCENB, PTDO, SHD, SHP. The
oscilloscope should be triggered by VD.
8.
Set Set-Up Register 2, Bits 7, 6, and 5 to 100Bin.
PTDO[2:0]=100
The Analogue DC Loop Enable Pulse is output onto the PTDO pin.
The oscilloscope should show 6 negative going INTBLCENB pulses,
occurring 4 lines after the falling edge of the VD signal. Each
INTBLCENB pulse will be 16 pixels wide, occurring 17 pixels after the
falling edge of the BLCENB signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com