Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8170 Datasheet(PDF) 7 Page - Wolfson Microelectronics plc

Part # WM8170
Description  3.3V Integrated Signal Processor for Area Array CCDs
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8170 Datasheet(HTML) 7 Page - Wolfson Microelectronics plc

Back Button WM8170 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 11Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
WM8170
Product Preview Rev 1.0
WOLFSON MICROELECTRONICS LTD
PP Rev 1.0 March 2000
7
DETAILED TIMING DIAGRAMS
INPUT VIDEO SAMPLING
t
DTOP
t
PTOD
t
SHP
t
VSU
t
VH
t
PD
SHP
DIN, PIN,
INPUT
VIDEO
t
SHD
t
DP
SHD
t
RSU
t
RH
Figure 1 Input Video Sampling Diagram
Test Characteristics
CVDD = AVDD = DVDD = 3.3V, AGND = DGND = CGND = 0V, RISET=15k
Ω , TA = 0oC to +70oC, unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input video (DIN) set-up time with
reference to SHD trailing edge
tVSU
5
ns
Input video (DIN) hold time with
reference to SHD trailing edge
tVH
5
ns
Reset video (PIN) set-up time
with reference to SHP trailing
edge
tRSU
5
ns
Reset video (PIN) hold time with
reference to SHP trailing edge
tRH
5
ns
SHD active low time
tSHD
7.5
ns
SHP active low time
tSHP
7.5
ns
SHP high to SHD low time
tPTOD
10
ns
SHD high to SHP low time
tDTOP
10
ns
SHD trailing edge to SHP trailing
edge
tDP
21.4
ns
SHP trailing edge to SHD trailing
edge
tPD
21.4
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com