Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8170 Datasheet(PDF) 22 Page - Wolfson Microelectronics plc

Part # WM8170
Description  3.3V Integrated Signal Processor for Area Array CCDs
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8170 Datasheet(HTML) 22 Page - Wolfson Microelectronics plc

Back Button WM8170 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 22Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 23Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 25Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 26Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 41 page
background image
WM8170
Product Preview Rev 1.0
WOLFSON MICROELECTRONICS LTD
PP Rev 1.0 March 2000
22
EXTENDED DC CORRECTION MODE
The WM8170 device has extended Black Level Correction Circuitry, which make it suitable for
continuous video applications. The Black Level Clamp correction circuitry in the WM8170 consists of
two main components, an Analogue correction loop which is used to remove the majority of the dc
offset using analogue circuit techniques, and a digital filter which can be programmed with different
filter responses. Figure 17 shows the Black Level Correction Circuitry in Detail.
BIPOLAR
OUTPUT
8-Bit DAC
UP/DOWN
COUNTER
COMPARATOR
10-BIT
ADC
+
-
PGA
Output from
Sample and Hold
-
+
CONTROL
BLCENB
8
ANDUR[6:0]
DIGDUR[3:0]
DIGITAL ENABLE
TO OUTPUT
PINS D[9:0]
10
10
+
-
ADDER
DIVIDE
Average error
between ADC
O/P code and
TARGET code
during optically
black pixels
ANALOGUE ENABLE
TARGET[7:0]
STOPDC
+
-
VRB
VRT
DIGITAL GAIN CONTROL
IIR
FILTER
PRELOAD
DATA
M
U
X
0
1
PRELOAD
ENABLE
IIR ENABLE
8-BIT
DAC
0
1
SEL
MUX
INTERNAL
ANALOGUE
ENABLE
ENINTBLC
R
E
G
Figure 17 Black Level Correction Circuitry
In order to control the Correction Circuitry there are two Pulse Generators incorporated within the
WM8170. These Pulse Generators and their associated Control Register Bits are shown in Figure 18.
This diagram shows all signals associated with the Pulse Generators. External signals are shown
with a O, internal register settings with a *. One Pulse Generator is used to generate an internal pulse
relative to the falling edge of the BLCENB input. This pulse, called INTBLCENB, is then steered
using the Steering Circuitry to be either the enable for the Analogue Correction Circuitry or for the
Digital IIR filter. This allows the user to select which lines of the input video frame the Analogue
correction loop will be enabled, and for which lines the IIR Filter will be enabled.
INTBLCENB
PULSE
GENERATOR
AREA
PULSE
GENERATOR
INTERNAL
CLOCK
GENERATION
CLK
CLK
INTBLCENB
STEERING
CIRCUITRY
INTBLCENB
ACON*[1:0]=10
ACON*[1:0]=11
INTERNAL ANALOGUE
LOOP ENABLE
INTERNAL IIR FILTER
ENABLE
ENVD*
ENHD*
VD
HD
BLCENB
SHP
SHD
Figure 18 WM8170 Pulse Generators
Following a falling edge on the Analogue Correction Loop Enable the internal circuitry is active for
ANDUR*4 pixels, which allows the majority of the DC error to be removed by the analogue circuitry.
After this has completed the remaining offset is removed by a digital clamp that averages the ADC
error from the programmed TARGET value for 2
DIGDUR pixels and subsequently subtracts that



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com