Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8170 Datasheet(PDF) 39 Page - Wolfson Microelectronics plc

Part # WM8170
Description  3.3V Integrated Signal Processor for Area Array CCDs
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8170 Datasheet(HTML) 39 Page - Wolfson Microelectronics plc

Back Button WM8170 Datasheet HTML 33Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 34Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 35Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 36Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 37Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 38Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 39Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 40Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 41Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 39 / 41 page
background image
WM8170
Product Preview Rev 1.0
WOLFSON MICROELECTRONICS LTD
PP Rev 1.0 March 2000
39
RECOMMENDED EXTERNAL COMPONENTS
DEVICE DECOUPLING
The WM8170 contains a high speed 10-bit ADC and wide bandwidth signal amplifiers that are
sensitive to noise on supply pins, reference pins and elsewhere. Therefore particular attention should
be paid to the decoupling of the WM8170 to prevent unwanted noise from entering the signal path.
Figure 27 and Table 16 show the recommended decoupling capacitors and ground connections. Note
that the analogue and digital ground pins are each connected to their respective separate analogue
and digital ground return paths. Each analogue supply pin is decoupled to the analogue ground with a
parallel combination of tantalum and ceramic capacitors. Each digital supply pin is decoupled to the
digital ground with the same parallel capacitor combination.
For optimum performance each parallel capacitor combination should be connected as close to the
particular supply pin as is physically possible.
The careful use of separate analogue and digital ground planes can help to prevent coupling of digital
noise into the sensitive analogue sections of the internal device circuitry. The AGND and DGND
connections should be star-pointed as close to the WM8170 as possible.
WM8170
D4
D3
D5
DGND2
D2
D1
D0
CGND
VOUT2
CVDD
VOUT1
DVDD1
DCLK
SCK/RNW
SEN/STB
SDI/DNA
DVDD3
SDO
NRESET
OEB
PDB/VD
PNS
DGND1
BLCENB
PBLK/HD
CLPENB
CLPSWB
DVDD2
SHP
SHD
AVDD2
PIN
DIN
AGND2
VMID
VRB
VRT
ISET
AGND1
AVDD1
AVDD3
VCLP
D9
PTDO
D7
D6
DVDD4
D8
1
2
12
11
10
9
8
7
6
5
4
3
13
14
15
24
23
21
20
19
18
17
16
22
37
38
39
40
41
42
43
44
45
46
47
48
36
35
33
25
26
27
28
29
30
31
32
34
CNR
CIN
C16
C15
C14
C13
C12
C11
C9
C10
AGND
AVDD
C8
C7
FB4
C6
C5
FB3
DGND
DVDD
FB2
FB1
C4
C3
C2
C1
Figure 27 WM8170 External Components



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com