Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8170 Datasheet(PDF) 23 Page - Wolfson Microelectronics plc

Part # WM8170
Description  3.3V Integrated Signal Processor for Area Array CCDs
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8170 Datasheet(HTML) 23 Page - Wolfson Microelectronics plc

Back Button WM8170 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 22Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 23Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 25Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 26Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 27Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 41 page
background image
WM8170
Product Preview Rev 1.0
WOLFSON MICROELECTRONICS LTD
PP Rev 1.0 March 2000
23
averaged error from all ADC conversions until the Analogue Black Level Correction circuitry is
enabled again. The calculated average is also used to preload the Digital IIR Filter, so that there are
no discontinuities in the correction value applied when the IIR Filter is enabled. For further details of
the operation of the Analogue Correction Loop, ANDUR and DIGDUR, refer to the Basic DC
Correction Mode section.
The IIR Filter allows the WM8170 to track relatively slow changes in the input video DC content
across a single frame of input video. The main advantage of the IIR Filter approach is to allow the
number of pixels over which the digital correction value is calculated to be much larger than the
number of black pixels available on a single line. This results in a stable correction value that does
not vary on a line to line basis due to the RMS noise during the black pixels.
The WM8170 also contains a second Pulse Generator that can be programmed to complement
either the Analogue Loop Enable or the IIR Filter Enable as required.
ENABLING THE HD AND VD INPUTS TO THE WM8170
To enable the use of all the Black Level Control Circuitry within the WM8170, both the Vertical Drive
(VD) and the Horizontal Drive (HD) control signals are required from the CCD Timing Generator
device. There are two dual mode pins on the WM8170 which are programmed via the Management
Interface register bits ENVD and ENHD. Details of the dual mode pins are covered in the Tables 3
and 4:
ENVD
FUNCTION
0
Pin 30 is PDB (Power Down Bar) Input
1
Pin 30 is VD (Vertical Drive) Input
Table 3 ENVD control bit operation
ENHD
FUNCTION
0
Pin 26 is PBLK (Video Blocking) Input
1
Pin 26 is HD (Horizontal Drive) Input
Table 4 ENHD control bit operation
When ENVD is set, PDB is held high internally in the WM8170. The Power Down Function remains
available via the Management Interface. When ENVD is reset, the internal circuitry requiring Vertical
Drive will not function.
When ENHD is set, PBLK is held high internally in the WM8170. The Video Blocking function is not
available in this mode. When ENHD is reset, the internal circuitry requiring Horizontal Drive will not
function.
INTERNAL BLACK LEVEL CLAMP ENABLE
The control for the Analogue Correction Loop can be programmed to be either the BLCENB pin, or
the INTBLCENB signal under control of the register bit ENINTBLC. To benefit from the extended
Black Level Control Circuitry within the WM8170 this bit must be set. Table 5 shows the operation of
the ENINTBLC control bit.
ENINTBLC
FUNCTION
0
Analogue Loop Enable is controlled by BLCENB pin directly.
1
Analogue Black Level Enable is controlled by the signals generated
by the INTBLCENB Pulse Generator.
Table 5 ENINTBLC control bit operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com