Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8170 Datasheet(PDF) 26 Page - Wolfson Microelectronics plc

Part # WM8170
Description  3.3V Integrated Signal Processor for Area Array CCDs
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8170 Datasheet(HTML) 26 Page - Wolfson Microelectronics plc

Back Button WM8170 Datasheet HTML 22Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 23Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 25Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 26Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 27Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 28Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 29Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 30Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 41 page
background image
WM8170
Product Preview Rev 1.0
WOLFSON MICROELECTRONICS LTD
PP Rev 1.0 March 2000
26
INTERNAL AREA PULSE GENERATOR
In addition to the INTBLCENB pulse generator described above, the WM8170 includes an
independent pulse generator which can be use to define any area within the video frame. The output
of the Area Pulse Generator can be used either independently of the INTBLCENB pulse (if the
BLCENB pulse generator is turned off using the STPANAL and STPIIR control bits), or to define
additional areas where the user wishes either the Analogue Control Loop or the IIR filter to operate.
This pulse generator works in a similar way to the pulse generator described above, but uses the
Vertical Drive (VD) and Horizontal Drive (HD) inputs, along with the Master Clock, to allow the user to
define any area within the active video signal.
The horizontal area enable operates as shown in Figure 21. The Management Interface registers
PIXDEL[11:0] and PIXWID[11:0] are used to define the pulse. The horizontal Area Pulse will have a
delay of PIXDEL+1 pixels from the falling edge of the HD input, and will be PIXWID pixels wide.
MCLK (Internal)
HD
SHD
SHP
INTERNAL
HORIZONTAL AREA
PIXDEL+1 PIXELS
PIXWID PIXELS
EDGE WHICH
SAMPLES HD
Figure 21 Generating the Horizontal Area Pulse
The vertical area enable operates as shown in Figure 22. The Management Interface registers
LINDEL[11:0] and LINWID[11:0] are used to define the pulse. The Vertical Area Pulse will have a
delay of LINDEL HD pulses from the falling edge of the VD input, and will be LINWID HD pulses
wide.
VD
HD
INTERNAL
VERTICAL AREA
LINDEL HD
LINWID HD
EDGE WHICH
COUNTS ARE
REFERRED TO
Figure 22 Generating the Vertical Area Pulse
The logical combination of the active low, horizontal area pulse and the active low, vertical area pulse
is used to define the area of the input video required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com