Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8170 Datasheet(PDF) 4 Page - Wolfson Microelectronics plc

Part # WM8170
Description  3.3V Integrated Signal Processor for Area Array CCDs
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8170 Datasheet(HTML) 4 Page - Wolfson Microelectronics plc

  WM8170 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
WM8170
Product Preview Rev 1.0
WOLFSON MICROELECTRONICS LTD
PP Rev 1.0 March 2000
4
PIN DESCRIPTION
PIN NO
NAME
TYPE
DESCRIPTION
1
D5
Digital IO
Data output 5/parallel data IO3
2
DGND2
Supply
Digital ground for D0 to D9, PTDO pins
3
DVDD4
Supply
Digital supply for D0 to D9, PTDO pins
4
D6
Digital IO
Data output 6/parallel data IO4
5
D7
Digital IO
Data output 7/parallel data IO5
6
D8
Digital IO
Data output 8/parallel data IO6
7
D9
Digital IO
Data output 9 (MSB)/parallel data IO7
8
PTDO
Digital output
Programmable threshold detect output
9
AGND1
Supply
Analogue ground and device substrate
10
AVDD1
Supply
Analogue supply for ADC
11
AVDD3
Supply
Analogue supply for references, bias voltage
12
VCLP
Analogue output
Reset level clamping voltage output
13
ISET
Analogue output
External resistor for bias current control
14
VRT
Analogue output
Upper ADC reference voltage output
15
VRB
Analogue output
Lower ADC reference voltage output
16
VMID
Analogue output
Midrail reference voltage output
17
AGND2
Supply
Analogue ground and device substrate
18
DIN
Analogue input
Video data input
19
PIN
Analogue input
Video preset input
20
AVDD2
Supply
Analogue supply for S/H, PGA, analogue DC correction loop and
auxiliary DACs
21
SHD
Digital input
Sample and Hold data control
22
SHP
Digital input
Sample and Hold preset control
23
DVDD2
Supply
Digital supply BLCENB, CLPENB, CLPSWB, PBLK, SHD, SHP pins
24
CLPENB
Digital input
Reset level clamp enable input, active low
25
CLPSWB
Digital input
Reset level clamp enable switch, active low
26
PBLK/HD
Digital input
Input blocking control, active low/Horizontal drive timing signal input
27
BLCENB
Digital input
Black level clamp control, active low
28
DGND1
Supply
Digital ground for DVDD1, DVDD2, DVDD3 supplies
29
PNS
Digital input
Parallel not serial control
30
PDB/VD
Digital input
External power down, active low/Vertical drive timing signal input
31
OEB
Digital input
Output enable bar, active low
32
NRESET
Digital input
Master chip reset, active low
33
DVDD3
Supply
Digital supply for PDB, NRESET, SCK/RNW, SEN/STB, PNS,
SDI/DNA, OEB, DCLK, SDO pins
34
SDO
Digital tri-stateable output
Serial data output, tri-stateable
35
SDI/DNA
Digital input
Serial data in/parallel data not address (management interface)
36
SEN/STB
Digital input
Serial enable/parallel strobe (management interface)
37
SCK/RNW
Digital input
Serial clock/parallel read not write (management interface)
38
DCLK
Digital input
Output data retiming clock input
39
DVDD1
Supply
Digital supply for internal logic
40
VOUT1
Analogue output
Auxiliary DAC1 output
41
VOUT2
Analogue output
Auxiliary DAC2 output
42
CVDD
Supply
Positive supply for internal clock generation circuitry
43
CGND
Supply
Ground for internal clock generation circuitry
44
D0
Digital output
Data output 0 (LSB), tri-stateable
45
D1
Digital output
Data output 1, tri-stateable
46
D2
Digital IO
Data output 2/parallel data IO0
47
D3
Digital IO
Data output 3/parallel data IO1
48
D4
Digital IO
Data output 4/parallel data IO2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com