Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8170 Datasheet(PDF) 20 Page - Wolfson Microelectronics plc

Part # WM8170
Description  3.3V Integrated Signal Processor for Area Array CCDs
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8170 Datasheet(HTML) 20 Page - Wolfson Microelectronics plc

Back Button WM8170 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 22Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 23Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 24Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 41 page
background image
WM8170
Product Preview Rev 1.0
WOLFSON MICROELECTRONICS LTD
PP Rev 1.0 March 2000
20
DIGITAL CORRECTION CIRCUITRY IN BASIC DC CORRECTION MODE
The Digital Correction Circuitry that follows the ADC corrects for any difference between the actual
ADC output code and the programmed TARGET value.
During the period when the Digital Correction Circuitry is enabled, the circuit calculates the average
digital error between the programmed TARGET value and the ADC output code, over a certain
number of ADC conversions. This average digital error is subsequently subtracted from all ADC
conversions until the Digital Correction Circuitry is enabled again.
The number of ADC conversions that the Digital Correction Circuitry calculates the average over is
programmable via the management interface. This number is set in the DIGDUR register, and is
equal to 2
[DIGDUR] pixel periods.
BIPOLAR
OUTPUT
8-Bit DAC
UP/DOWN
COUNTER
COMPARATOR
10-BIT
ADC
+
-
PGA
Voltage level
corresponding to ADC O/P
TARGET code
Output from
Sample and Hold
-
+
DIGITAL GAIN CONTROL
CONTROL
BLCENB
8
8-BIT
DAC
ANDUR[6:0]
DIGDUR[2:0]
DIGITAL ENABLE
TO OUTPUT
PINS D[9:0]
+
-
8
10
10
+
-
ADDER
DIVIDE/
HOLD
Average error
between ADC
O/P code and
TARGET code
during optically
black pixels
ANALOGUE ENABLE
TARGET[7:0]
STOPDC
Figure 15 Basic DC Offset Correction Block Diagram
BASIC DC OFFSET CORRECTION INITIATION AND TIMING
The overall timing of the Basic DC correction algorithm is shown in Figure 16. The duration of the
analogue and digital correction loops are independent. The user must ensure that the overall
correction period, which is equal to the analogue loop enable time plus the Digital Correction Circuitry
enable time, is no longer than the duration of the optically black pixels output from the CCD. This will
prevent the potential error of active video being included in the digital average calculated within the
WM8170, which would cause an incorrect error value to be stored.
Applying a falling edge to the BLCENB digital input pin enables the Analogue loop and the Digital
Correction Circuitry. Once the correction has been initiated, the internal WM8170 control circuitry
runs until both the analogue and digital correction enables are complete. All issues associated with
latency through the WM8170 have been considered in the internal controller design.
BLCENB
ANALOGUE
LOOP ENABLED
DIGITAL
CORRECTION
ENABLED
PERIOD
PROGRAMMABLE
PERIOD
PROGRAMMABLE
OPTICALLY
BLACK PIXELS
Figure 16 Basic DC Correction Algorithm Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com