Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8170 Datasheet(PDF) 6 Page - Wolfson Microelectronics plc

Part # WM8170
Description  3.3V Integrated Signal Processor for Area Array CCDs
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8170 Datasheet(HTML) 6 Page - Wolfson Microelectronics plc

Back Button WM8170 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 10Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
WM8170
Product Preview Rev 1.0
WOLFSON MICROELECTRONICS LTD
PP Rev 1.0 March 2000
6
Test Characteristics
CVDD = AVDD = DVDD = 3.3V, AGND = DGND = CGND = 0V, RISET=15k
Ω , TA = 0oC to +70oC, unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Reset Level Clamp Switch/AC Coupling Resistance
AC coupling resistance, ON
RCON
ACINP=1
30
50
70
k
Ω
AC coupling resistance, OFF
RCOFF
ACINP=0
20
M
Ω
Reset level clamp switch
resistance
RON
ACINP=0, CLPENB=0
CLPSWB=0
115
150
185
Ω
Black Level Clamp
DC offset correction range
VBLCR
V375=1
80
mV
References
VMID voltage
VMID
1.575
1.65
1.725
V
VRT - VRB, Note 1
VREFL
V375=0
0.5
V
VRT - VRB, Note 1
VREFH
V375=1
0.75
V
VCLP[1.0]
V375
VCOOO
0 0
0
-0.25
V
VCO1O
0 1
0
0
V
VC1OO
1 0
0
+0.25
V
VCOO1
0 0
1
-0.375
V
VCO11
0 1
1
0
V
VCLP voltage referenced to
VMID
VC1O1
1 0
1
+0.375
V
Voltage on ISET pin
VISET
1.203
1.234
1.265
V
VISET temperature coefficient
VITEMP
mV/
oC
Auxiliary DACs
Resolution
8
Bits
Maximum integral non-
linearity
INL
+1
LSB
Maximum differential non-
linearity
DNL
+0.75
LSB
Full scale output, TIMES 2
DFSO
AUX1X1,
AUX2X1 = 0
AVDD
V
Full scale output, TIMES 1
DFSOH
AUX1X1,
AUX2X1 = 1
AVDD/2
V
Output slew rate
DSR
V
/µsec
Output settling time
DTS
µsec
Load regulation
DLR
mV/mA
Note 1: ADC input voltage is twice VRT- VRB voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com