Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8170 Datasheet(PDF) 31 Page - Wolfson Microelectronics plc

Part # WM8170
Description  3.3V Integrated Signal Processor for Area Array CCDs
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8170 Datasheet(HTML) 31 Page - Wolfson Microelectronics plc

Back Button WM8170 Datasheet HTML 27Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 28Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 29Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 30Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 31Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 32Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 33Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 34Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 35Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 41 page
background image
WM8170
Product Preview Rev 1.0
WOLFSON MICROELECTRONICS LTD
PP Rev 1.0 March 2000
31
POWER SUPPLIES
This datasheet describes the WM8170 for use in a complete 3.3V system. The performance and
characteristics will differ for the WM8170 if a 5V supply is required. If 5V supplies are required,
contact Wolfson Microelectronics Ltd. for further detailed parametric information.
The WM8170 includes several power supply pins, each of which routes power to particular parts of
the device circuitry. It is important to note the circuit sections of the device, which are connected to
the various supply pins. This is summarised in Table 13.
The WM8170 can operate with all supply pins connected to 5V or with all supply pins connected to
3.3V. It can also operate with all analogue supply pins at 5V and the individual digital supply pins
connected to a combination of 5V and 3.3V.
The set of allowable combinations of supply pin connections is shown in Table 14. All AVDD, CVDD
and DVDD1 pins should be maintained at the same supply voltage. The other supplies can be at any
combination of either 5V or 3.3V.
SUPPLY NAME
CIRCUIT SECTIONS CONNECTED TO
AVDD1
ADC
AVDD2
Main analogue signal path
AVDD3
Reference and bias generator
CVDD
Clock generator circuitry
DVDD1
Internal logic and level shifters
DVDD2
BLCENB, CLPENB, CLPSWB, PBLK, SHD, SHP
DVDD3
PDB, NRESET, SCK/RNW, SEN/STB, PNS, SDI/DNA,
OEB, DCLK, SDO
DVDD4
D0-D9, PTDO
Table 13 Supply Pins Vs Device Circuit Sections Connected
NO.
AVDD1, AVDD2, AVDD3,
CVDD, DVDD1
DVDD2
DVDD3
DVDD4
1
3.3V
3.3V
3.3V
3.3V
2
3.3V
3.3V
3.3V
5V
3
3.3V
3.3V
5V
3.3V
4
3.3V
3.3V
5V
5V
5
3.3V
5V
3.3V
3.3V
6
3.3V
5V
3.3V
5V
7
3.3V
5V
5V
3.3V
8
3.3V
5V
5V
5V
9
5V
3.3V
3.3V
3.3V
10
5V
3.3V
3.3V
5V
11
5V
3.3V
5V
3.3V
12
5V
3.3V
5V
5V
13
5V
5V
3.3V
3.3V
14
5V
5V
3.3V
5V
15
5V
5V
5V
3.3V
16
5V
5V
5V
5V
Table 14 Supply Pins vs Supply Voltages – Allowable Combinations
GROUND AND POWER SUPPLY PIN CONNECTIONS
As detailed above, each of the power supply and ground pins of the WM8170 is allocated to a
particular section of the overall device circuitry. It is important that the use of ground and power
planes on any printed circuit board layout should take account of this fact. See Figure 27 for
Recommended Device Decoupling.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com