Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8170 Datasheet(PDF) 1 Page - Wolfson Microelectronics plc

Part # WM8170
Description  3.3V Integrated Signal Processor for Area Array CCDs
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8170 Datasheet(HTML) 1 Page - Wolfson Microelectronics plc

  WM8170 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
WM8170
3.3V Integrated Signal Processor for Area Array CCDs
Product Preview Rev 1.0 March 2000
WOLFSON MICROELECTRONICS LTD.
Lutton Court, Bernard Terrace, Edinburgh, EH8 9NX, UK
Tel: +44 (0) 131 667 9386
Fax: +44 (0) 131 667 5176
Email: sales@wolfson.co.uk
http://www.wolfson.co.uk
Product Preview data sheets contain
specifications for products in the formative
phase of development. These products may
be changed or discontinued without notice.
© 2000 Wolfson Microelectronics Ltd
.
DESCRIPTION
The WM8170 is a 10-bit analogue front end/digitiser IC,
which processes and digitises the analogue output signals
from area array CCD sensors at pixel sample rates of up to
21MSPS.
The device contains input blanking, correlated double
sampling (CDS), programmable gain amplifier, black level
clamp, on-board voltage reference and a 10-bit, 21MSPS
ADC. Two auxiliary 8 bit DACs are provided which may be
used for bias voltage control or camera functions such as
auto-focus.
Fine black level adjustment is performed digitally after the
ADC. This digital adjustment will follow DC shifts in the video
input without introducing digital correction noise into the
image.
The WM8170 is designed to interface to a wide range of area
array CCDs and can operate at lower power for slower
sample rates by setting the reference bias current via an
external resistor connected to the ISET pin.
All signal timing within the device is derived from the CCD
clock signals. The WM8170 is controlled via a configurable
serial interface, which is compatible with all of Wolfson’s
imaging devices.
The user is able to control the device functions and monitor
on-chip
register
settings
via
the
easy-to-use
digital
management interface.
FEATURES
• 10-bit, 21MSPS ADC
• No missing codes guaranteed
• Correlated double sampling
• Programmable gain amplifier
• Black level clamp
• Input blanking
• Two auxiliary 8-bit DACs
• Power save mode
• Serial or parallel control bus
• Adjustable sample rate
• User selectable sampling on rising or falling edge
of clocks
• Single 3.3V power supply (3V minimum)
• 48-pin TQFP package
• Standby mode ICC<10µA
• Power consumption typically 190mW at 12MHz,
270mW at 21MHz
APPLICATIONS
• Digital still cameras
• Digital camcorders
• PC cameras
• Progressive scan CCDs
• NTSC, PAL interline CCDs
BLOCK DIAGRAM
TIMING GENERATOR
REFERENCE
VRT
(14)
VRB
(15)
VMID
(16)
BLCENB
(27)
VCLP (12)
CLPENB (24)
CLPSWB (25)
CLAMP
DIN (18)
PIN (19)
CDS
S/H
PBLK/HD (26)
Dual Mode Pin
DIGITAL
BLACK
LEVEL
CLAMP
AND
FILTER
10-BIT
ADC
PGA
ANALOGUE
BLACK
LEVEL
CLAMP
CONFIGURABLE
SERIAL/PARALLEL
INTERFACE
(8) PTDO
(31) OEB
DATA I/O
(1,4-7,44-48)
SHP
(22)
SHD
(21)
CVDD
(42)
AVDD[1-3]
(10,11,20)
DVDD[1-4]
(3,23,33,39)
DCLK
(38)
HI-Z
DIGITAL
COMPARATOR
8-BIT
ADC
8-BIT
ADC
VOUT1 (40)
VOUT2 (41)
BIAS
CIRCUIT
(29) PNS
(36) SEN/STB
(37) SCK/RNW
(35) SDI/DNA
(32) NRESET
(34) SDO
(30) PDB/VD
Dual Mode Pin
(13)
ISET
(2,28)
DGND[1-2]
(9,17)
AGND[1-2]
(43)
CGND
WM8170


Similar Part No. - WM8170

ManufacturerPart #DatasheetDescription
logo
EVER-WAY INDUSTRY COMPA...
WM810 EVER-WAY-WM810 Datasheet
115Kb / 3P
MINIATURE HIGH POWER LATCHING RELAY
logo
Wolfson Microelectronic...
WM8141 WOLFSON-WM8141 Datasheet
239Kb / 31P
12-bit 6MSPS CIS/CCD Analogue Front End/Digitiser
WM8141CFT/V WOLFSON-WM8141CFT/V Datasheet
239Kb / 31P
12-bit 6MSPS CIS/CCD Analogue Front End/Digitiser
WM8143-10 WOLFSON-WM8143-10 Datasheet
491Kb / 24P
10-bit/6MSPS CCD Signal Processor
WM8143-10CFT/V WOLFSON-WM8143-10CFT/V Datasheet
491Kb / 24P
10-bit/6MSPS CCD Signal Processor
More results

Similar Description - WM8170

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1408 NTE-NTE1408 Datasheet
24Kb / 2P
Integrated Circuit CMOS, Color Signal Processor for VCR
NTE1417 NTE-NTE1417 Datasheet
24Kb / 3P
Integrated Circuit Deflection Signal Processor
NTE1556 NTE-NTE1556 Datasheet
21Kb / 2P
Integrated Circuit VIR Signal Processor for Color TV
NTE1712 NTE-NTE1712 Datasheet
21Kb / 2P
Integrated Circuit Record Video Signal Processor for VCR
NTE1727 NTE-NTE1727 Datasheet
24Kb / 3P
Integrated Circuit TV Signal Processor
NTE1813 NTE-NTE1813 Datasheet
25Kb / 2P
Integrated Circuit Color Signal Processor for VCR
NTE701 NTE-NTE701 Datasheet
26Kb / 3P
Integrated Circuit Video Signal Processor
logo
Texas Instruments
TLC976C TI-TLC976C Datasheet
220Kb / 17P
10-BIT, 20 MSPS, AREA CCD SIGNAL PROCESSOR
logo
Hamamatsu Corporation
S8984 HAMAMATSU-S8984 Datasheet
185Kb / 7P
CCD area image sensor Front-illuminated FFT-CCDs for X-ray imaging
logo
NTE Electronics
NTE1422 NTE-NTE1422 Datasheet
87Kb / 3P
Integrated Circuit Playback Video Signal Processor for VCR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com