Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8170 Datasheet(PDF) 11 Page - Wolfson Microelectronics plc

Part # WM8170
Description  3.3V Integrated Signal Processor for Area Array CCDs
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8170 Datasheet(HTML) 11 Page - Wolfson Microelectronics plc

Back Button WM8170 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 15Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
WM8170
Product Preview Rev 1.0
WOLFSON MICROELECTRONICS LTD
PP Rev 1.0 March 2000
11
PARALLEL INTERFACE
t
STB
STB
D[9:2]
DNA
RNW
ADC DATA OUT
DATA OUT
ADC DATA OUT
DATA IN
ADDRESS IN
ADC DATA OUT
t
OPD
t
OPZ
t
ASU
t
AH
t
DSU
t
DH
t
STDO
t
STAO
t
ADHH
t
ADLS
t
ADLH
t
ADHS
Z
Z
Figure 6 Parallel Interface Timing Diagram
Test Characteristics
CVDD = AVDD = DVDD = 3.3V, AGND = DGND = CGND = 0V, RISET=15k
Ω , TA = 0oC to +70oC, unless otherwise stated.
PARAMETER
SYMBOL
TEST
CONDITIONS
MIN
TYP
MAX
UNIT
RNW low to OP[9:2] Tri-
state
tOPZ
20
ns
Address setup time to STB
low
tASU
0
ns
DNA low setup time to STB
low
tADLS
10
ns
STB low time
tSTB
50
ns
Address hold time from
STB high
tAH
10
ns
DNA low hold time from
STB high
tADLH
10
ns
Data setup time to STB low
tDSU
0
ns
DNA high setup time to
STB low
tADHS
10
ns
Data hold time from STB
high
tDH
10
ns
DNA high hold time from
STB high
tADHH
10
ns
RNW high to OP[9:2] output
tOPD
0
ns
Data output propagation
delay from STB low
tSTDO
ns
ADC data out propagation
delay from STB high
tSTAO
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com