Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8170 Datasheet(PDF) 2 Page - Wolfson Microelectronics plc

Part # WM8170
Description  3.3V Integrated Signal Processor for Area Array CCDs
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8170 Datasheet(HTML) 2 Page - Wolfson Microelectronics plc

  WM8170 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 41 page
background image
WM8170
Product Preview Rev 1.0
WOLFSON MICROELECTRONICS LTD
PP Rev 1.0 March 2000
2
ORDERING INFORMATION
DEVICE
TEMP. RANGE
PACKAGE
XWM8170CFT/V
0 to 70
oC
48-pin TQFP
PIN CONFIGURATION
37
47 46 45 44 43 42 41 40 39 38
48
D5
D9
D8
D7
D6
DVDD4
DGND2
PTDO
AGND1
AVDD1
AVDD3
VCLP
SEN/STB
PDB/HD
OEB
NRESET
DVDD3
SDO
SDI/DNA
CLPSWB
PBLK/HD
BLCENB
DGND1
PNS
25
31
30
29
28
27
26
36
35
34
33
32
1
9
8
7
6
5
4
3
2
12
11
10
24
23
16 17 18 19 20 21 22
13 14 15
WM8170
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings are stress ratings only. Permanent damage to the device may be caused by continuously operating
at or beyond these limits. Device functional operating limits and guaranteed performance specifications are given under
Electrical Characteristics at the test conditions specified
ESD Sensitive Device. This device is manufactured on a CMOS process. It is therefore generically
susceptible to damage from excessive static voltages. Proper ESD precautions must be taken during
handling and storage of this device.
As per JEDEC specifications A112-A and A113-A this product requires specific storage conditions prior to surface mount
assembly and as such will be supplied in vacuum sealed moisture barrier bags.
CONDITION
MIN
MAX
Analogue supply voltages (AVDD1 to AVDD3)
AGND -0.3V
AGND +7V
Digital supply voltages (DVDD1 to DVDD4)
DGND -0.3V
DGND +7V
Clock supply voltage, CVDD
CGND -0.3V
CGND +7V
Digital inputs BLCENB, CLPENB, CLPSWB, PBLK, SHD, SHP pins
DGND -0.3V
DVDD2 +0.3V
Digital inputs PDB, NRESET, SCK/RNW, SEN/STB, PNS, SDI/DNA,
OEB, DCLK, SDO pins
DGND -0.3V
DVDD3 +0.3V
Digital outputs, D0 to D9, PTDO
DGND -0.3V
DVDD4 +0.3V
Analogue inputs and analogue outputs
AGND -0.3V
AVDD +0.3V
Maximum difference between AGND, DGND and CGND
- 0.1V
+0.1V
Maximum difference between DVDD1, AVDD and CVDD
- 0.1V
+0.1V
Operating temperature range, TA
0
o
C
+70
o
C
Storage temperature
-65
o
C
+150
o
C
Lead temperature (soldering, 10 seconds)
+260
o
C
Note 1:
AGND denotes the voltage on any analogue ground pin.
DGND denotes the voltage on any digital ground pin.
CGND denotes the voltage on the clock ground pin.
For this device all GND pins should be star connected as close as possible to the device.
Note 2:
AVDD denotes the voltage on any AVDD pin.
For this device all AVDD supplies should be connected together.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com