Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8170 Datasheet(PDF) 29 Page - Wolfson Microelectronics plc

Part # WM8170
Description  3.3V Integrated Signal Processor for Area Array CCDs
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8170 Datasheet(HTML) 29 Page - Wolfson Microelectronics plc

Back Button WM8170 Datasheet HTML 25Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 26Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 27Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 28Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 29Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 30Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 31Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 32Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 33Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 41 page
background image
WM8170
Product Preview Rev 1.0
WOLFSON MICROELECTRONICS LTD
PP Rev 1.0 March 2000
29
MANAGEMENT INTERFACE
The WM8170 includes an easy-to-use and comprehensive Management Interface that allows the
user to write to and read from on-board registers and thus control all the digitally programmable
features of the device. The Management Interface can be configured to operate in either Parallel or
Serial Mode by setting the Parallel Not Serial (PNS) pin high or low respectively. Serial Mode is
recommended for real time video applications because writing and reading from the device can be
carried out at any time. If Parallel Mode is used, writing and reading must be performed within areas
of inactive video to prevent valid ADC output data from being replaced with the Management
Interface data.
MANAGEMENT INTERFACE CONFIGURATION
The pins used to control the Management Interface are described in Table 12.
The timing for writing in Serial and Parallel Mode is shown in Figures 23 and 24 respectively.
Selected registers can also be read via the interface thus allowing stored values to be checked by the
user. The timing for reading in Serial and Parallel Mode is shown in Figures 25 and 26 respectively.
PIN NAME
SERIAL MODE FUNCTION
PARALLEL MODE FUNCTION
PNS
Set Low to indicate Serial
Mode
Set High to indicate Parallel Mode
SEN/STB
Serial interface ENable, active
High
Parallel interface STrobe, active Low
SDI/DNA
Serial Data Interface
Data Not Address input
SCK/RNW
Serial interface Clock
Read Not Write input
SDO
Serial Data Out
Not Used
D2-D9
Not Used
Parallel data I/O pins
Table 12 Management Interface Pins and Functions
SCK
SDI
SEN
x
a5
a4
a3
a2
a1
a0
b7
b6
b5
b4
b3
b2
b1
b0
ADDRESS
DATA WORD
Figure 23 Writing in Serial Mode
SEN
SDO
SCK
SDI
ADDRESS
DATA WORD
OUTPUT DATA WORD
X
1
a4
a3
a2
a1
a0
X
X
X
X
X
X
X
X
X
d3
d7
d6
d5
d4
d2
d1
d0
Figure 24 Reading in Serial Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com