Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8170 Datasheet(PDF) 12 Page - Wolfson Microelectronics plc

Part # WM8170
Description  3.3V Integrated Signal Processor for Area Array CCDs
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8170 Datasheet(HTML) 12 Page - Wolfson Microelectronics plc

Back Button WM8170 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 16Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 41 page
background image
WM8170
Product Preview Rev 1.0
WOLFSON MICROELECTRONICS LTD
PP Rev 1.0 March 2000
12
SYSTEM INFORMATION
The WM8170 is a complete signal processing and data acquisition system which is designed to
interface directly to the analogue output of area array CCDs. The device digitises the video signals
from the CCD for subsequent digital processing of the data. The WM8170 can be used in a wide
range of CCD-based video applications such as digital still cameras, as shown in Figure 7.
AREA
ARRAY
CCD
WM8170
DIGITAL ASIC
TIMING
GENERATOR
VERTICAL
DRIVER
DCLK
SHP SHD MCLK
Gamma Correction
Colour Balance
Data Compression
PC Interface
CDS
PGA
Black Level Clamp
10-bit ADC
10-bit
Parallel Data
8-bit Data
System
Synchronisation
Analogue
Video
PIN/DIN
VOUT1
VOUT2
Anti-blooming
Reset Gate Bias
Vertical
Drive
Horizontal
Drive
3
2
Voltage
Translation
LCD
CONTROLLER
LCD
DISPLAY
IMAGE
MEMORY
10-bit Data
MICROCONTROLLER
SHP SHD
Figure 7 Digital Still Camera System Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com