Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8170 Datasheet(PDF) 34 Page - Wolfson Microelectronics plc

Part # WM8170
Description  3.3V Integrated Signal Processor for Area Array CCDs
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8170 Datasheet(HTML) 34 Page - Wolfson Microelectronics plc

Back Button WM8170 Datasheet HTML 30Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 31Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 32Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 33Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 34Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 35Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 36Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 37Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 38Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 41 page
background image
WM8170
Product Preview Rev 1.0
WOLFSON MICROELECTRONICS LTD
PP Rev 1.0 March 2000
34
CONTROL BITS
DESCRIPTION
BLACK LEVEL TARGET (000100)
TARGET[7:0]
Target value for the black level.
PGA GAIN (000101)
GAIN[7:0]
Controls the PGA gain.
00hex is minimum gain
FFhex is maximum gain
DIGITAL DURATION (000110)
DIGDUR[3:0]
Digital correction duration: number of ADC conversion that are used to calculate the average.
DIGDUR3
DIGDUR2
DIGDUR1
DIGDUR0
Durations
0
0
0
0
1 ADC conversion
0
0
0
1
2 ADC conversions
0
0
1
0
4 ADC conversions
0
0
1
1
8 ADC conversions
0
1
0
0
16 ADC conversions
0
1
0
1
32 ADC conversions
0
1
1
0
64 ADC conversions
0
1
1
1
128 ADC conversions
1
0
0
0
256 ADC conversions
1
0
0
1
512 ADC conversions
1
0
1
0
1024 ADC conversions
1
0
1
1
2048 ADC conversions
1
1
0
0
2048 ADC conversions
1
1
0
1
2048 ADC conversions
1
1
1
0
2048 ADC conversions
1
1
1
1
2048 ADC conversions
ANALOGUE DURATION (000111)
ANDUR[6:0]
Controls the duration of the analogue loop enable - i.e. it represents the number of times that the up-down
counter will be clocked per falling edge of the BLCENB input.
THRESHOLD DETECT LSB / MSB (001001/10)
THRES[9:0]
Threshold detect value. If the corrected ADC output data is greater than the THRES[9:0] then PTDO will be
high. (Note PTDO[1:0] must be 00bin). Note THRES[9:0] is split into two registers, THRES[9:8] and
THRES[7:0].
POWER DOWN 1 (001011)
PDA
Global power down, OR'd with PDB pin
POWER DOWN 2 (001100)
PD[7:0]
Controls the analogue power downs. Note this is split over 2 registers (0 - block enabled, 1 - block powered
down).
PD0
S/H, PGA and the analogue correction loop power down
PD1
VMID and VCLP power down.
PD2
VRT and VRB power down.
PD3
ADC only power down.
PD4
AUX2DAC power down
PD5
AUX1DAC power down
AUXILIARY DAC 1
(001101)
AUX1DAC[7:0]
Auxiliary 1 DAC value
AUXILIARY DAC 2 (001110)
AUX2DAC[7:0]
Auxiliary 2 DAC value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com