Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8170 Datasheet(PDF) 5 Page - Wolfson Microelectronics plc

Part # WM8170
Description  3.3V Integrated Signal Processor for Area Array CCDs
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8170 Datasheet(HTML) 5 Page - Wolfson Microelectronics plc

  WM8170 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 41 page
background image
WM8170
Product Preview Rev 1.0
WOLFSON MICROELECTRONICS LTD
PP Rev 1.0 March 2000
5
ELECTRICAL CHARACTERISTICS
Test Characteristics
CVDD = AVDD = DVDD = 3.3V, AGND = DGND = CGND = 0V, RISET=15k
Ω , TA = 0oC to +70oC, unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Digital Inputs
High level input voltage
VIH
0.8*DVDD
V
Low level input voltage
VIL
0.2*DVDD
V
High level input current
IIH
1
µA
Low level input current
IIL
1
µA
Input capacitance
CIN
5
pF
Digital Outputs
High level output voltage
VOH
IOH = 1mA
DVDD-0.6
V
Low level output voltage
VOL
IOL = 1mA
0.6
V
High impedance O/P current
IOZ
1
µA
Analogue Inputs
Input common mode range
VCMR
0.3
AVDD-0.3
V
10-bit ADC Performance Including CDS and PGA Functions NO MISSING CODES GUARANTEED
Resolution
10
Bits
Maximum differential non-
linearity
DNL
PGA at minimum gain
+/-1
LSB
Maximum integral non-
linearity
INL
PGA at minimum gain
+/-2
LSB
Maximum sampling rate
SMAX
21.5
MSPS
CDS S/H
PGA = 00hex
V375
TIMES2
0
0
1
V
0
1
0.5
V
1
0
1.5
V
Maximum input voltage for
full scale ADC output
VINMAX
1
1
0.75
V
PGA = FFhex
V375
TIMES2
0
0
40
mV
0
1
20
mV
1
0
60
mV
Minimum input voltage for full
scale ADC output
VINMIN
1
1
30
mV
PGA
Minimum gain
GNTMIN
TIMES2=0, V375=1
0
dB
Minimum gain
GTMIN
TIMES2=1, V375=1
5
6
7
dB
Maximum gain
GNTMAX
TIMES2=0, V375=1
27
28
29
dB
Maximum gain
GTMAX
TIMES2=1, V375=1
33
34
35
dB
LSB step size
GLSB
0.11
dB
Resolution
8
Bits
PGA maximum differential
non-linearity
PDNL
LSB
PGA maximum integral
non-linearity
PINL
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com