Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8170 Datasheet(PDF) 28 Page - Wolfson Microelectronics plc

Part # WM8170
Description  3.3V Integrated Signal Processor for Area Array CCDs
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8170 Datasheet(HTML) 28 Page - Wolfson Microelectronics plc

Back Button WM8170 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 25Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 26Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 27Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 28Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 29Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 30Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 31Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 32Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 41 page
background image
WM8170
Product Preview Rev 1.0
WOLFSON MICROELECTRONICS LTD
PP Rev 1.0 March 2000
28
PROGRAMMABLE THRESHOLD DETECT OUTPUT
The Programmable Threshold Detect Output, (PTDO), primary function is to indicate to the user
when the ADC output has exceeded a value programmed into the THRES[9:0] registers via the
Management Interface. The PTDO output will output a high state, which is aligned to the output data,
if the ADC output exceeds the programmed value. Typically this pin would be used in conjunction
with external gain calibration algorithms to set the PGA gain.
The PTDO output can also be used to indicate a number of system error flags which are available to
the user. These flags are multiplexed onto the PTDO pin under control of the Management Interface.
An error can be flagged if the pixel data during the black pixels is outside the correction range of the
logic within the WM8170, or if the BLCENB pin has returned high before both the analogue and
digital DC correction circuitry has completed their tasks. An error can also be flagged if the output
from the ADC is out of range, i.e. the ADC output code is trying to exceed 3FF(hex), or be less than
0(hex).
The error flag can be programmed to be output on the PTDO pin under control of the register bits
PTDO[1:0].
AUXILIARY DIGITAL TO ANALOGUE CONVERTERS
The WM8170 includes two independent 8-Bit Digital to Analogue Converters. Their analogue outputs
are available at pins VOUT1 and VOUT2 respectively. Their output voltages are controlled in two
ways. The maximum output voltage from the DACs can be independently set to be either AVDD or
AVDD/2 under control of the AUX1X1 and AUX2X1 control bits. Each DAC can then be programmed
to one of 256 codes by the 8-bit contents of the Auxiliary DAC registers defined in the register map
shown in Table 15.
These DACs can be used to trim CCD control voltages such as the anti-blooming or reset gate bias
voltages, or used within the camera system for features such as auto-focus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com