Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8170 Datasheet(PDF) 3 Page - Wolfson Microelectronics plc

Part # WM8170
Description  3.3V Integrated Signal Processor for Area Array CCDs
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8170 Datasheet(HTML) 3 Page - Wolfson Microelectronics plc

  WM8170 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8170 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 41 page
background image
WM8170
Product Preview Rev 1.0
WOLFSON MICROELECTRONICS LTD
PP Rev 1.0 March 2000
3
RECOMMENDED OPERATING CONDITIONS
SHD/SHP = 21MHz RISET=15k
Ω
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply voltage
2.97
3.63
V
Analogue supply current - active
IAACT
68
80
mA
Digital supply current - active
(Note 1)
IDACT
8
mA
Clock supply current - active
ICACT
6
10
mA
Supply current - standby (Total)
ISDBY
SHD/SHP = 0MHz
10
µA
SHD/SHP = 12MHz RISET=22k
Ω
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply voltage
2.97
3.63
V
Analogue supply current - active
IAACT
50
mA
Digital supply current - active
(Note 1)
IDACT
4
mA
Clock supply current - active
ICACT
4
mA
Supply current – standby (Total)
ISDBY
SHD/SHP = 0MHz
10
µA
Note 1:
Digital supply current - active includes DVDD4 current, which is dependent on the D[9:0] capacitive load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com