Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC102 Datasheet (PDF) - STMicroelectronics

TSC102 Datasheet PDF - STMicroelectronics
Part # TSC102
Download  TSC102 Download
File Size   673.34 Kbytes
Page   24 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description High-side current sense amplifier plus signal conditioning amplifier

TSC102 Datasheet (PDF)

Go To PDF Page Download Datasheet
TSC102 Datasheet PDF - STMicroelectronics

Part # TSC102
Download  TSC102 Click to download

File Size   673.34 Kbytes
Page   24 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description High-side current sense amplifier plus signal conditioning amplifier

TSC102 Datasheet (HTML) - STMicroelectronics


TSC102 Product details

Description
The TSC102 measures a small differential voltage on a high-side shunt resistor and translates it into a ground-referenced output voltage.
The device’s wide input common-mode voltage range, low quiescent current and tiny TSSOP8 packaging enable use in a wide variety of applications (also available in SO8 package).
   
Features
• Independent supply and input common-mode
    voltages
• Wide common-mode operating range:
    2.8 to 30 V
• Wide common-mode surviving range:
    -16 to 60 V (reversed battery and load-dump
    conditions)
• Low current consumption: ICC max = 420 µA
• Output amplifier for tailor-made signal
    conditioning
• -40 °C to 125 °C operating temperature range
• 4 kV ESD protection
   
Applications
• Battery chargers
• Automotive current monitoring
• Notebook computers
• DC motor control
• Photo-voltaic systems
• Precision current sources
• Uninterruptible power supplies
• High-end power supplies
   




Similar Part No. - TSC102

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSC1021 STMICROELECTRONICS-TSC1021 Datasheet
161Kb / 12P
High-side current sense amplifier
23-Sep-2010
TSC1021 STMICROELECTRONICS-TSC1021 Datasheet
978Kb / 17P
High-side current sense amplifier
06-Nov-2015
TSC1021AIPT STMICROELECTRONICS-TSC1021AIPT Datasheet
978Kb / 17P
High-side current sense amplifier
06-Nov-2015
TSC1021AIYPT STMICROELECTRONICS-TSC1021AIYPT Datasheet
978Kb / 17P
High-side current sense amplifier
06-Nov-2015
TSC1021BIPT STMICROELECTRONICS-TSC1021BIPT Datasheet
978Kb / 17P
High-side current sense amplifier
06-Nov-2015
More results


Similar Description - TSC102

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3181FVM ROHM-BD3181FVM Datasheet
171Kb / 6P
High-Side Current-Sense Amplifier
logo
STMicroelectronics
TSC101 STMICROELECTRONICS-TSC101 Datasheet
146Kb / 18P
High side current sense amplifier
05-Mar-2007
logo
Monolithic Power System...
MP8100 MPS-MP8100 Datasheet
209Kb / 5P
Precision High-Side Current-Sense Amplifier
logo
STMicroelectronics
TSC101 STMICROELECTRONICS-TSC101_1 Datasheet
294Kb / 17P
High side current sense amplifier
22-Oct-2007
TSC1021 STMICROELECTRONICS-TSC1021 Datasheet
161Kb / 12P
High-side current sense amplifier
23-Sep-2010
TSC1031 STMICROELECTRONICS-TSC1031 Datasheet
534Kb / 26P
High-voltage, high-side current sense amplifier
29-Apr-2011
logo
List of Unclassifed Man...
SI8540 ETC2-SI8540 Datasheet
173Kb / 18P
HIGH-SIDE CURRENT SENSE AMPLIFIER
logo
Silicon Laboratories
SI8540 SILABS-SI8540 Datasheet
1Mb / 18P
HIGH-SIDE CURRENT SENSE AMPLIFIER
logo
Monolithic Power System...
MP8110 MPS-MP8110 Datasheet
301Kb / 10P
Precision High-Side Current-Sense Amplifier
EV8110DS-00A MPS-EV8110DS-00A Datasheet
153Kb / 4P
Precision High-Side Current Sense Amplifier
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com