Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC102 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TSC102
Description  High-side current sense amplifier plus signal conditioning amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSC102 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TSC102 Datasheet HTML 2Page - STMicroelectronics TSC102 Datasheet HTML 3Page - STMicroelectronics TSC102 Datasheet HTML 4Page - STMicroelectronics TSC102 Datasheet HTML 5Page - STMicroelectronics TSC102 Datasheet HTML 6Page - STMicroelectronics TSC102 Datasheet HTML 7Page - STMicroelectronics TSC102 Datasheet HTML 8Page - STMicroelectronics TSC102 Datasheet HTML 9Page - STMicroelectronics TSC102 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
Electrical characteristics
TSC102
6/24
Doc ID 16754 Rev 2
Table 6.
Current sensing amplifier output stage
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Av
Gain
(variation of Va1 versus Vsense)
20
V/V
Voh1
A1 node high-level saturation
voltage
Voh1 =Vcc-Va1
Vsense = 1 V
Ia1 =1mA
-40° C< Tamb < 125° C
85
185
mV
Vol1
A1 node low-level saturation
voltage
Vsense =-1 V
Ia1 =1mA
-40° C< Tamb < 125° C
75
165
mV
Isc1
Short-circuit current
A1 connected to VCC or Gnd
10
30
mA
ΔVa1/ΔT Output voltage drift versus T(1)
Tmin < Tamb < Tmax
±400
ppm/°C
ΔVa1/ΔIa1 Output stage load regulation
-5 mA < Ia1< +5 mA
Ia1 sink or source current
0.4
±2
mV/mA
ΔVa1
Total output voltage accuracy(2)
Vsense = 50 mV
Tamb = 25° C
Tmin < Tamb < Tmax
±2.5
±4
%
ΔVa1
Total output voltage accuracy(2)
Vsense = 100 mV
Tamb = 25° C
Tmin < Tamb < Tmax
±2.5
±4
%
ΔVa1
Total output voltage accuracy(2)
Vsense = 20 mV
Tamb = 25° C
Tmin < Tamb < Tmax
±8
±10
%
ΔVa1
Total output voltage accuracy(2)
Vsense = 10 mV
Tamb = 25° C
Tmin < Tamb < Tmax
±13
±16
%
1.
See Chapter 6: Parameter definitions on page 12 for the definition of output voltage drift versus temperature.
2.
Output voltage accuracy is the difference with the expected theoretical output voltage Va1-th =Av * Vsense. See Chapter 6 for
a more detailed definition.
Table 7.
Current sensing amplifier frequency response
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ts
Va1 settling to 1% final value
Vsense =10mV to 100mV,
Cload =47pF
7µs
SR
Slew rate
Vsense =10mV to 100mV
0.2
0.4
V/µs
BW
3 dB bandwidth
Cload = 47 pF
800
kHz
Table 8.
Current sensing amplifier noise
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
eN
Equivalent input noise voltage
f = 1 kHz
50
nV/
√Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com